Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD15EB1 Datasheet(PDF) 5 Page - SEMTECH ELECTRONICS LTD.

Part # RD15EB1
Description  ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RD15EB1 Datasheet(HTML) 5 Page - SEMTECH ELECTRONICS LTD.

  RD15EB1 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. RD15EB1 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. RD15EB1 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. RD15EB1 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. RD15EB1 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. RD15EB1 Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. RD15EB1 Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD. RD15EB1 Datasheet HTML 8Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Dated : 23/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
RD2V0E…RD200E
RD11E
VZ - Zener Voltage - V
VZ - Zener Voltage - V
(a)
(b)
RD6.2E
2
4
6
8
RD4.7E
RD5.1E
RD5.6E
RD4.3E
10
8
7
10
9
RD10E
RD3.6E
RD3.9E
Iz - Vz CHARACTERISTICS
TYP.
Ta=25 C
RD9.1E
P=500mW
RD2.4E
RD3.0E
RD3.3E
RD2.7E
RD2.2E
RD2.0E
RD8.2E
RD6.8E
RD7.5E
P=500mW
15
13
12
11
14
RD13E
RD12E
Ta=25 C
TYP.
VZ - Zener Voltage - V
(c)
12
16
14
13
15
17 18 19 20
VZ - Zener Voltage - V
(d)
16
20
18
24
22
30
26 28
32
P=500mW
RD16E
RD15E
RD18E
RD20E
Ta=25 C
TYP.
P=500mW
RD22E
RD24E
RD30E
RD27E
TYP.
Ta=25
C


Similar Part No. - RD15EB1

ManufacturerPart #DatasheetDescription
logo
NEC
RD15EB1 NEC-RD15EB1 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD15EB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com