Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZ22L2 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # HZ22L2
Description  SILICON EPITAXIAL PLANER ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

HZ22L2 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  HZ22L2 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. HZ22L2 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. HZ22L2 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 22/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
HZ…L Series
Characteristics at Ta = 25 OC
Zener Voltage
Maximum Reverse Current
Maximum Dynamic Resistance
VZ (V)
1)
IR
rd
Type
Min.
Max.
IZ (mA)
(µA)
VR (V)
(Ω)
lZ (mA)
HZ11LA1
9.5
9.9
HZ11LA2
9.7
10.1
HZ11LA3
9.9
10.3
HZ11LB1
10.2
10.6
HZ11LB2
10.4
10.8
HZ11LB3
10.7
11.1
HZ11LC1
10.9
11.3
HZ11LC2
11.1
11.6
HZ11LC3
11.4
11.9
0.5
1
8
80
0.5
HZ12LA1
11.6
12.1
HZ12LA2
11.9
12.4
HZ12LA3
12.2
12.7
HZ12LB1
12.4
12.9
HZ12LB2
12.6
13.1
HZ12LB3
12.9
13.4
HZ12LC1
13.2
13.7
HZ12LC2
13.5
14
HZ12LC3
13.8
14.3
0.5
1
10.5
80
0.5
HZ15L1
14.1
14.7
HZ15L2
14.5
15.1
HZ15L3
14.9
15.5
0.5
1
13
80
0.5
HZ16L1
15.3
15.9
HZ16L2
15.7
16.5
HZ16L3
16.3
17.1
0.5
1
14
80
0.5
HZ18L1
16.9
17.7
HZ18L2
17.5
18.3
HZ18L3
18.1
19
0.5
1
15
80
0.5
HZ20L1
18.8
19.7
HZ20L2
19.5
20.4
HZ20L3
20.2
21.1
0.5
1
18
100
0.5
HZ22L1
20.9
21.9
HZ22L2
21.6
22.6
HZ22L3
22.3
23.3
0.5
1
20
100
0.5
HZ24L1
22.9
24
HZ24L2
23.6
24.7
HZ24L3
24.3
25.5
0.5
1
22
120
0.5
HZ27L1
25.2
26.6
HZ27L2
26.2
27.6
HZ27L3
27.2
28.6
0.5
1
24
150
0.5
HZ30L1
28.2
29.6
HZ30L2
29.2
30.6
HZ30L3
30.2
31.6
0.5
1
27
200
0.5
HZ33L1
31.2
32.6
HZ33L2
32.2
33.6
HZ33L3
33.2
34.6
0.5
1
30
250
0.5
HZ36L1
34.2
35.7
HZ36L2
35.3
36.8
HZ36L3
36.4
38
0.5
1
33
300
0.5
1) Tested with pulses tp = 20 ms.


Similar Part No. - HZ22L2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ22L RENESAS-HZ22L Datasheet
52Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Low Noise Application
Rev.2.00 Mar.11.2004
More results

Similar Description - HZ22L2

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
HZ2A1 SEMTECH_ELEC-HZ2A1 Datasheet
261Kb / 4P
   SILICON EPITAXIAL PLANER ZENER DIODES
HZS2A1 SEMTECH_ELEC-HZS2A1 Datasheet
262Kb / 4P
   SILICON EPITAXIAL PLANER ZENER DIODES
ZMM3V6LZB SEMTECH_ELEC-ZMM3V6LZB Datasheet
157Kb / 2P
   SILICON EPITAXIAL PLANER ZENER DIODES
ZJ2V0 SEMTECH_ELEC-ZJ2V0 Datasheet
428Kb / 6P
   SILICON EPITAXIAL PLANER ZENER DIODES
logo
Shenzhen Luguang Electr...
ESD6V8WT LUGUANG-ESD6V8WT Datasheet
198Kb / 2P
   Silicon Epitaxial Zener Diodes
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com