Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN64BCT25245 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN64BCT25245
Description  25-ohm OCTAL BUS TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN64BCT25245 Datasheet(HTML) 3 Page - Texas Instruments

  SN64BCT25245 Datasheet HTML 1Page - Texas Instruments SN64BCT25245 Datasheet HTML 2Page - Texas Instruments SN64BCT25245 Datasheet HTML 3Page - Texas Instruments SN64BCT25245 Datasheet HTML 4Page - Texas Instruments SN64BCT25245 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN64BCT25245
25-
Ω OCTAL BUS TRANSCEIVER
SCBS060A – JUNE 1990 – REVISED DECEMBER 1993
3–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
– 1.2
V
A port
VCC = 4.75 V,
IOH = – 3 mA
2.7
VOH
A port
VCC = 4.5 V,
IOH = – 80 mA
2
V
B port
VCC = 4.5 V,
IOH = – 3 mA
2.4
3.3
A port
VCC =4 5V
IOL = 94 mA
0.42
0.55
VOL
A port
VCC = 4.5 V
IOL = 188 mA
0.7
V
B port
VCC = 4.5 V,
IOL = 24 mA
0.35
0.5
VCC =0to2 3V(power up)
VO = 2.7 V
OE at 0 8 V
70
µA
IOZ
VCC = 0 to 2.3 V (power up)
VO = 0.5 V
OE at 0.8 V
– 0.6
mA
IOZ
VCC =1 8Vto0(power down)
VO = 2.7 V
OE at 0 8 V
70
µA
VCC = 1.8 V to 0 (power down)
VO = 0.5 V
OE at 0.8 V
– 0.6
mA
II
A and B ports
VCC =0to5 5V
VI =5 5V
0.25
mA
II
DIR and OE
VCC = 0 to 5.5 V,
VI = 5.5 V
0.1
mA
I
A and B ports
VCC =5 5V
VI =2 7V
70
µA
IIH‡
DIR and OE
VCC = 5.5 V,
VI = 2.7 V
20
µA
I ‡
A and B ports
VCC =5 5V
VI =0 5V
06
mA
IIL‡
DIR and OE
VCC = 5.5 V,
VI = 0.5 V
– 0.6
mA
IOS§
B port¶
VCC = 5.5 V,
VO = 0
–60
– 150
mA
ICCL
A to B port
VCC =5 5V
48
60
mA
ICCL
B to A port
VCC = 5.5 V
95
125
mA
ICCH
A to B port
VCC =5 5V
36
46
mA
ICCH
B to A port
VCC = 5.5 V
63
80
mA
ICCZ
VCC = 5.5 V
12
16
mA
Ci
OE and DIR
VCC = 5.5 V,
VI = 2.5 V to 0.5 V
8
pF
Cio
A port
VCC =5 5V
VI =2 5Vto0 5V
18
pF
Cio
B port
VCC = 5.5 V,
VI = 2.5 V to 0.5 V
8
F
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state outputs current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
¶ Testing for this parameter on the A port is not recommended.


Similar Part No. - SN64BCT25245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT25244 TI-SN64BCT25244 Datasheet
71Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI1-SN64BCT25244 Datasheet
136Kb / 8P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244DW TI-SN64BCT25244DW Datasheet
71Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244DW TI1-SN64BCT25244DW Datasheet
136Kb / 8P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244DWG4 TI1-SN64BCT25244DWG4 Datasheet
136Kb / 8P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN64BCT25245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F2245 TI-SN74F2245 Datasheet
84Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F2245 TI1-SN74F2245_16 Datasheet
562Kb / 11P
[Old version datasheet]   25-ohm OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74BCT25642 TI-SN74BCT25642 Datasheet
358Kb / 10P
[Old version datasheet]   25-廓 OCTAL BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
   Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
   Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
   Octal Bus Transceiver
1997 REV 0
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
   OCTAL BUS TRANSCEIVER
1997-01-30
logo
Fairchild Semiconductor
DM74LS645 FAIRCHILD-DM74LS645 Datasheet
52Kb / 5P
   Octal Bus Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com