Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8A Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # KBU8A
Description  SINGLE - PHASE BRIDGE RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

KBU8A Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  KBU8A Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 23/06/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
KBU8A THRU KBU8M
SINGLE – PHASE BRIDGE RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 8.0 Amperes
Features
• Ideal for printed circuit board.
• Reliable low cost construction utilizing molded plastic
technique
• Plastic material has Underwriters Laboratory Flammability
Classification 94V-0.
• Surge overload rating:200 amperes peak.
• Mounting Position:Any
Absolute Maximum Ratings and Characteristics
Ratings at 25
oCambient temperature unless otherwise specified. Resistive or inductive load , 60Hz, For capacitive load, derate current by 20%
.
Symbols
KBU
8A
KBU
8B
KBU
8D
KBU
8G
KBU
8J
KBU
8K
KBU
8M
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS bridge input voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified output current
at TC = 100
OC, TA = 65 OC/ 40 OC/ 45 OC
I(AV)
8
6
A
Peak forward surge current 8.3mS single half
sine-wave superimposed on rated load
(MIL-STD-750 method 4066)
IFSM
300
A
Maximum instantanous forward voltage drop per
element at 3.0A/3.0A/8.0A
VF
1
V
Maximum DC reverse leakage at rated TA = 25
OC
DC blocking voltage per element
TC = 100
OC
IR
10
300
µA
µA
Operating and storage temperature range
TJ ,TS
-65 to +150
OC


Similar Part No. - KBU8A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU8A PANJIT-KBU8A Datasheet
55Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
SUNMATE electronic Co.,...
KBU8A SUNMATE-KBU8A Datasheet
410Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
KBU8A BILIN-KBU8A Datasheet
107Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
America Semiconductor, ...
KBU8A AMERICASEMI-KBU8A Datasheet
583Kb / 2P
   BRIDGE RECTIFIERS
logo
Semtech Corporation
KBU8A SEMTECH-KBU8A Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
More results

Similar Description - KBU8A

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
   Single Phase Bridge Rectifiers
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
   Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
   Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
   SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
   Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
   Single Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com