Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU6M Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # KBU6M
Description  SINGLE-PHASE BRIDGE RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

KBU6M Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  KBU6M Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 07/10/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
KBU6A THRU KBU6M
SINGLE-PHASE BRIDGE RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 6.0 Amperes
Features
• Plastic material used carries Underwriters Laboratory
Flammability Classification 94V-0
• High case dielectric strength of 1500 VRMS
• Ideal for printed circuit boards
• High surge current capability
• High temperature soldering guaranteed:
250oC/10 seconds, 0.375 (9.5mm) lead length,
51bs. (2.3kg) tension
Mechanical Data
• Case: Molded plastic body
• Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
• Mounting Position: Any (Note 1)
• Weight: 0.3 ounce, 8.0 grams
Absolute Maximum Ratings and Characteristics @ 25 ℃ unless otherwise specified.
Symbols KBU
6A
KBU
6B
KBU
6D
KBU
6G
KBU
6J
KBU
6K
KBU
6M
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VCD
50
100
200
400
600
800
1000
V
Maximum average forward TC = 100
OC (Note 1,2)
rectified output current at
TA = 40
OC (Note 3)
IF(AV)
6
6
A
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method) TJ = 150
OC
IFSM
250
A
Maximum instantaneous forward voltage drop per leg
at 6A
VF
1
V
Maximum DC reverse current
TA = 25
OC
at rated DC blocking voltage per leg TA = 125
OC
IR
5
1
µA
mA
Typical thermal resistance per leg (Note 2)
RθJA
RθJC
8.6
3.1
OC/W
Operating junction and storage temperature range
TJ ,TS
-50 to +150
OC
Notes: (1). Recommended mounted position is to bolt down on heatsink with silicone thermal compound for maximum
heat transfer with #6 screw.
(2). Thermal resistance from junction to ambient with units in free air, P.C.B. mounted on 0.5x0.5” (12x12mm)
copper pads, 0.375” (9.5mm) lead length.
(3). Thermal resistance from junction to case with units mounted on a 2.6x1.4x0.06” thick (6.5x3.5x15 cm) Al.
Plate


Similar Part No. - KBU6M

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
KBU6M NJSEMI-KBU6M Datasheet
88Kb / 1P
   SINGLE-PHASE SILICON BRIDGE
logo
Semtech Corporation
KBU6M SEMTECH-KBU6M Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
Galaxy Semi-Conductor H...
KBU6M BILIN-KBU6M Datasheet
76Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
America Semiconductor, ...
KBU6M AMERICASEMI-KBU6M Datasheet
584Kb / 2P
   BRIDGE RECTIFIERS
logo
Diotec Semiconductor
KBU6M DIOTEC-KBU6M Datasheet
689Kb / 2P
   Single Phase Bridge Rectifier
More results

Similar Description - KBU6M

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
   Single Phase Bridge Rectifiers
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
   Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
   Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
   SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
   Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
   Single Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com