Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU810 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # KBU810
Description  SINGLE - PHASE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

KBU810 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  KBU810 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. KBU810 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 30/06/2005 H
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
KBU8005 THRU KBU810
SINGLE – PHASE BRIDGE RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 8.0 Amperes
Features
• Ideal for printed circuit board.
• Reliable low cost construction utilizing molded plastic
technique
• Low forward voltage drop
• Low reverse leakage current
• High surge current capability
Features
• Case: Molded plastic, KBU
Absolute Maximum Ratings and Characteristics
Ratings at 25
oCambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load , For capacitive load,
derate current by 20%
.
Symbols
KBU
8005
KBU
801
KBU
802
KBU
804
KBU
806
KBU
808
KBU
810
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
0.375” (9.5mm) Lead Length at TA = 55℃.
I(AV)
8
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
IFSM
300
A
Maximum forward voltage
at 8.0A DC and 25℃
VF
1.1
V
Maximum reverse current at TA = 25℃
at rated DC blocking voltage
TA = 100℃
IR
10
50
µA
µA
Typical thermal resistance (Note 1)
RΘJA
18
/W
Typical thermal resistance (Note 2)
RΘJC
3
/W
Operating and storage temperature range
TJ ,TS
-55 to +125
1) Units mounted in free air, no heatsink, P.C.B. at 0.375”(9.5mm) lead length with 0.5x0.5” (12x12mm) copper pads.
2) Units mounted on a 3.0x3.0” x 0.11” thick (7.5x7.5x0.3cm) Al. Plate heatsink.
KBU


Similar Part No. - KBU810

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU810 WTE-KBU810 Datasheet
42Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
Nanjing International G...
KBU810 DGNJDZ-KBU810 Datasheet
478Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
KBU810 JUXING-KBU810 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
KBU810 JGD-KBU810 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Bruckewell Technology L...
KBU810 BWTECH-KBU810 Datasheet
223Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBU810

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
   Single Phase Bridge Rectifiers
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
   Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
   Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
   SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
   Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
   Single Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com