Selected language     English  ā–¼


W01 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part No. W01
Description  1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Homepage  http://www.semtech.net.cn
Logo 

   
 2 page
background image
Dated : 03/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
Ā®
TJ=25 C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 3-TYPICAL FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
FIG. 1-MAXIMUM FORWARD SURGE CURRENT
10
0.1
0.6
0.4
0.8
1.0
10
TYPICAL
DISTRIBUTION
o
TJ=25 C
0
10
1
1
60
50
40
30
20
0.6
140
1.2
1.0
1.4
PERCENT OF RATED PEAK
REVERSE VOLTAGE
60
20
0
0
40
0.1
80
100
120
100
FIG. 4-TYPICAL REVERSE
CHARACTERISTICS
1.0
10
AMBIENT TEMPERATURE, C
0
20
40
60
0.2
0.4
80
100
120
o
140
RATING AND CHARACTERISTICS CURVES
o
FIG. 2-DERATING CURVE
OUTPUT RECTIFIED CURRENT
1.2
0.8
1.0
1.4
1.6
0.01
W005 THRU W10




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RB1511.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
RS801SINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
KBPC10005WSINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
KBPC50005WHIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
KBPC35005WHIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
KBL4005SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
2W005MSINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
KBPC10053A SINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
DB151SSINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
KBPC15005HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl