Electronic Components Datasheet Search
Selected language     English  ▼


W01 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part No. W01
Description  1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Homepage  http://www.semtech.net.cn
Logo 

   
 1 page
background image
Dated : 03/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
W005 THRU W10
1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 1.5 Amperes
Features
• Surge overload rating – 50 amperes peak
• Ideal for printed circuit boards
• Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25
oCambient temperature unless otherwise specified. Single-phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols W005 W01
W02
W04
W06
W08
W10 Units
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
800
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
at TA = 25
OC
I(AV)
1.5
A
Peak forward surge current ,
8.3mS single half sine-wave superimposed
on rated load
IFSM
50
A
Rating for fusing (t<8.35ms)
I
2t
5
A
2t
Maximum forward voltage drop per element at 1A peak
VF
1
V
Maximum reverse current at rated TA = 25
OC
DC blocking voltage per element TA = 100
OC
IR
10
1.0
µA
mA
Operating temperature range
TJ
-50 to +125
OC
Storage temperature range
TA
-50 to +150
OC




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RB1511.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
RS801SINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
KBPC10005WSINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
KBPC50005WHIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
KBPC35005WHIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
KBL4005SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
2W005MSINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
KBPC10053A SINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
DB151SSINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.
KBPC15005HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS 1 2 SEMTECH ELECTRONICS LTD.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl