Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTZ24D Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # MTZ24D
Description  SILICON EPITAXIAL PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MTZ24D Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  MTZ24D Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MTZ24D Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MTZ24D Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 25/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MTZ Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Operating Resistance
Rising Operating Resistance
Reverse Current
VZ (V)
ZZ (Ω)
ZZK (Ω)
IR (µA)
Type
Min.
Max.
IZ (mA)
Max.
IZ (mA)
Max.
IZ (mA)
Max.
VR (V)
MTZ16
15.3
17.1
MTZ16A
14.8
15.57
MTZ16B
15.25
16.04
MTZ16C
15.69
16.51
10
25
10
150
0.5
0.2
12
MTZ18
16.8
19.1
MTZ18A
16.22
17.06
MTZ18B
16.82
17.7
MTZ18C
17.42
18.33
10
30
10
150
0.5
0.2
13
MTZ20
18.8
21.2
MTZ20A
18.02
18.96
MTZ20B
18.63
19.59
MTZ20C
19.23
20.22
MTZ20D
19.72
20.72
10
30
10
200
0.5
0.2
15
MTZ22
20.8
23.3
MTZ22A
20.15
21.2
MTZ22B
20.64
21.71
MTZ22C
21.08
22.17
MTZ22D
21.52
22.63
10
30
10
200
0.5
0.2
17
MTZ24
22.56
25.44
MTZ24A
22.05
23.18
MTZ24B
22.61
23.77
MTZ24C
23.12
24.31
MTZ24D
23.63
24.85
10
35
10
200
0.5
0.2
19
MTZ27
25.38
28.62
MTZ27A
24.26
25.52
MTZ27B
24.97
26.26
MTZ27C
25.63
26.95
MTZ27D
26.29
27.64
10
45
10
250
0.5
0.2
21
MTZ30
28.2
31.8
MTZ30A
26.99
28.39
MTZ30B
27.7
29.13
MTZ30C
28.36
29.82
MTZ30D
29.02
30.51
10
55
10
250
0.5
0.2
23
MTZ33
31.02
34.98
MTZ33A
29.68
31.22
MTZ33B
30.32
31.88
MTZ33C
30.9
32.5
MTZ33D
31.49
33.11
10
65
10
250
0.5
0.2
25
MTZ36
33.84
38.16
MTZ36A
32.14
33.79
MTZ36B
32.79
34.49
MTZ36C
33.4
35.13
MTZ36D
34.01
35.77
10
75
10
250
0.5
0.2
27
MTZ39
36.66
41.34
MTZ39A
34.68
36.47
MTZ39B
35.36
37.19
MTZ39C
36
37.85
MTZ39D
36.63
38.52
MTZ39E
37.36
39.29
MTZ39F
38.14
40.11
MTZ39G
38.94
40.8
10
85
10
250
0.5
0.2
30
1) Tested with pulses tp = 20 ms.


Similar Part No. - MTZ24D

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTZ-16 ADAM-TECH-MTZ-16 Datasheet
63Kb / 1P
   HOUSING PITCH
MTZ-C-G-15-R ADAM-TECH-MTZ-C-G-15-R Datasheet
66Kb / 1P
   CRIMP CONTACT
MTZ-C-LT-G-15-R ADAM-TECH-MTZ-C-LT-G-15-R Datasheet
67Kb / 1P
   CRIMP CONTACT
MTZ-XX-NMP ADAM-TECH-MTZ-XX-NMP Datasheet
64Kb / 1P
   HOUSING PITCH
logo
Leshan Radio Company
MTZJ LRC-MTZJ Datasheet
34Kb / 2P
   MTZJ SERIES ZENER DIODES
More results

Similar Description - MTZ24D

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com