Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD56EB Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # RD56EB
Description  ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RD56EB Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  RD56EB Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. RD56EB Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. RD56EB Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. RD56EB Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. RD56EB Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. RD56EB Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. RD56EB Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD. RD56EB Datasheet HTML 8Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Dated : 23/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
RD2V0E…RD200E
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Impedance
Knee Dynamic Impedance
Reverse Current
VZ (V)
1)
ZZ (Ω)
2)
ZZK (Ω)
2)
IR (µA)
Type
Min.
Max.
lZ (mA)
Max.
lZ (mA)
Max.
lZ (mA)
Max.
VR (V)
RD33EB
29.68
33.11
RD33EB1
29.68
31.22
RD33EB2
30.32
31.88
RD33EB3
30.9
32.5
RD33EB4
31.49
33.11
5
65
5
250
0.5
0.2
25
RD36EB
32.14
35.77
RD36EB1
32.14
33.79
RD36EB2
32.79
34.49
RD36EB3
33.4
35.13
RD36EB4
34.01
35.77
5
75
5
250
0.5
0.2
27
RD39EB
34.68
40.8
RD39EB1
34.68
36.47
RD39EB2
35.36
37.19
RD39EB3
36
37.85
RD39EB4
36.63
38.52
RD39EB5
37.36
39.29
RD39EB6
38.14
40.11
RD39EB7
38.94
40.8
5
85
5
250
0.5
0.2
30
RD43EB
40
45
5
90
5
0.2
33
RD47EB
44
49
5
90
5
0.2
36
RD51EB
48
54
5
110
5
0.2
39
RD56EB
53
60
5
110
5
0.2
43
RD62EB
58
66
2
200
2
0.2
47
RD68EB
64
72
2
200
2
0.2
52
RD75EB
70
79
2
300
2
0.2
57
RD82EB
77
87
2
300
2
0.2
63
RD91EB
85
96
2
400
2
0.2
69
RD100EB
94
106
2
400
2
0.2
76
RD110EB
104
116
1
750
1
0.2
84
RD120EB
114
126
1
900
1
0.2
91
RD130EB
120
140
1
1100
1
0.2
100
RD140EB
130
150
1
1300
1
0.2
110
RD150EB
140
160
1
1500
1
0.2
120
RD160EB
150
170
1
1700
1
0.2
130
RD170EB
160
180
1
1900
1
0.2
140
RD180EB
170
190
1
2200
1
0.2
140
RD190EB
180
200
1
2400
1
0.2
150
RD200EB
190
210
1
2500
1
0.2
160
1) Tested with pulse (20 ms)
2) Zz and Z
ZK are measured at Iz by given a very small A.C. Current Signal.


Similar Part No. - RD56EB

ManufacturerPart #DatasheetDescription
logo
NEC
RD56EB NEC-RD56EB Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD56EB1 NEC-RD56EB1 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD56EB2 NEC-RD56EB2 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD56EB3 NEC-RD56EB3 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD56EB4 NEC-RD56EB4 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD56EB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com