Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD82EB Datasheet(PDF) 8 Page - SEMTECH ELECTRONICS LTD.

Part # RD82EB
Description  ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RD82EB Datasheet(HTML) 8 Page - SEMTECH ELECTRONICS LTD.

  RD82EB Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. RD82EB Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. RD82EB Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. RD82EB Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. RD82EB Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. RD82EB Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. RD82EB Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD. RD82EB Datasheet HTML 8Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Dated : 23/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
RD2V0E…RD200E
- 40
- 32
- 24
- 16
- 8
24
0.06
Vz - ZENER VOLTAGE - V
0
4
812
16
- 0.02
- 0.06
- 0.08
- 0.04
0.02
0
0.04
20
24
28
32
36
40 44
RD2.0E to RD39E
mV/ C
8
0
16
ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs.ZENER VOLTAGE
TYP.
0.1
0.08
%/ C
32
40
0.09
60
Vz - ZENER VOLTAGE - V
0
40
50
0.07
0.06
0.05
0
70
80
90
110
100
120
RD34E to RD120E
mV/ C
ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs.ZENER VOLTAGE
0.1
TYP.
%/ C
100
0
20
40
60
80
120
200
0.11
130
0
120
0.08
0.06
0.07
0.09
0
0.10
Vz - ZENER VOLTAGE - V
150
140
160 170 180
190
RD130E to RD200E
mV/ C
ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs.ZENER VOLTAGE
0.1
0.12
TYP.
%/ C
0
140
100
120
160
180
200
220
t - Pulse Width - s
SURGE REVERSE POWER RATINGS
1
1
100
10
10
Ta=25 C
1000
1m
100
10m
100m


Similar Part No. - RD82EB

ManufacturerPart #DatasheetDescription
logo
NEC
RD82EB NEC-RD82EB Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD82EB1 NEC-RD82EB1 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD82EB2 NEC-RD82EB2 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD82EB3 NEC-RD82EB3 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD82EB4 NEC-RD82EB4 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD82EB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com