Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24PC01K0G6 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # 24PC01K0G6
Description  Unamplified, uncompensated pressure sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

24PC01K0G6 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  24PC01K0G6 Datasheet HTML 1Page - Sensortechnics GmbH 24PC01K0G6 Datasheet HTML 2Page - Sensortechnics GmbH 24PC01K0G6 Datasheet HTML 3Page - Sensortechnics GmbH 24PC01K0G6 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
24PC Series (mbar)
Unamplified, uncompensated pressure sensors
1/4
June 2005 / 602
www.sensortechnics.com
FEATURES
· 0...50 mbar to 0...16 bar
gage or differential
· High impedance bridge
· Miniature package
· Different pinning configurations
· Usable for wet/wet applications8
SPECIFICATIONS
Maximum ratings
Supply voltage
Temperature limits
Storage
Operating
Lead temperature (10 sec. soldering)
Humidity limits
Vibration (0 to 2000 Hz)
(qualification tested)
Mechanical shock (qualification tested)
Proof pressure1
all 50, 100 and 250 mbar devices
all 1 bar devices
all 2 bar devices
all 5 bar devices
all 10 and 16 bar devices
12 V
-55 to +100°C
-40 to +85°C
300°C
0...100 %RH
20 g sine
150 g
1.4 bar
3 bar
4 bar
12 bar
35 bar
ELECTRICAL CONNECTION
SERVICE
All media compatible with
port 1:
- polyetherimide
- silver-filled silicone
- silicon nitride
port 29:
- polyetherimide
- fluor-silicone
- silicon
Scale:
1 cm
1 inch
Output
+
2
3
Vs
-
1
4


Similar Part No. - 24PC01K0G6

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
24PC01K0DSMT SENSORTECHNICS-24PC01K0DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
More results

Similar Description - 24PC01K0G6

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
logo
Honeywell Accelerometer...
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Motorola, Inc
MPX100 MOTOROLA-MPX100 Datasheet
157Kb / 8P
   100kPa Uncompensated Silicon Pressure Sensors
logo
Honeywell Accelerometer...
26PCCFB2G HONEYWELL-ACC-26PCCFB2G Datasheet
80Kb / 2P
   Pressure Sensors Gage and Differential/Unamplified
logo
Freescale Semiconductor...
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
   10 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
   10 kPa Uncompensated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com