Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT3V0HSB Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BZT3V0HSB
Description  SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZT3V0HSB Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BZT3V0HSB Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZT3V0HSB Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BZT3V0HSB Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BZT3V0HSB Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 14/09/2006
BZT…HS Series
SILICON PLANAR ZENER DIODES
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
TS
- 55 to + 175
O
C
Characteristics Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
0.3
K/mW
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Resistance
Reverse Leakage Current (IR at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) Max.
lZT (mA)
IR (µA) Max.
VR (V)
BZT2V0HS
1.88
2.2
BZT2V0HSA
1.88
2.1
BZT2V0HSB
2.02
2.2
5
100
5
120
0.5
BZT2V2HS
2.12
2.41
BZT2V2HSA
2.12
2.3
BZT2V2HSB
2.22
2.41
5
100
5
120
0.7
BZT2V4HS
2.33
2.63
BZT2V4HSA
2.33
2.52
BZT2V4HSB
2.43
2.63
5
100
5
120
1
BZT2V7HS
2.54
2.91
BZT2V7HSA
2.54
2.75
BZT2V7HSB
2.69
2.91
5
110
5
100
1
BZT3V0HS
2.85
3.22
BZT3V0HSA
2.85
3.07
BZT3V0HSB
3.01
3.22
5
120
5
50
1
Tested with pulse tp = 20 ms
LS-34
Glass case QuadroMELF
Dimensions in mm


Similar Part No. - BZT3V0HSB

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BZT3V0 SEMTECH_ELEC-BZT3V0 Datasheet
162Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - BZT3V0HSB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com