Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE9.1 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # P4KE9.1
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

P4KE9.1 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  P4KE9.1 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. P4KE9.1 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. P4KE9.1 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. P4KE9.1 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 13/12/2008 J
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
P4KE Series
TRANSIENT VOLTAGE SUPPRESSORS
Features
• Glass passivated junction
• 400 W pulse capability on 10/1000 µs wave form
• Excellent clamping capability
• Low Zener impedance
• Fast response time
Mechanical Data
• Case: DO-41 molded plastic body
• Terminals: Solder axial plated, solderable per MIL-STD-750,
method 2026
• Polarity: Color band denotes cathode end
Devices for bidirectional applications
• For bidirectional use C or CA suffix for types P4KE6.8 thru types P4KE440A (e.g. P4KE6.8C, P4KE440CA)
• Electrical characteristics apply in both directions
Absolute Maximum Ratings (Ta = 25 OC unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Power Dissipation
1)
PPPK
Min. 400
W
Steady State Power Dissipation at Tj = 75 OC Lead Length 0.375"(9.5 mm)
2)
PD
1
W
Peak Forward Surge Current 8.3 ms Single Half Sine-wave Superimposed on
Rated Load (JEDEC method), Unidirectional only
3)
IFSM
40
A
Maximum Instantaneous Forward Voltage at 25 A, for unidirectional only
4)
VF
3.5 / 6.5
V
Operating Junction and Storage Temperature Range
Tj, Tstg
- 55 to + 175
O
C
1) Non-repetitive current pulse and derated above TA = 25 OC.
2) Mounted on Copper pads area of 1.6 X 1.6" (40 X 40 mm).
3) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. For
uni-directional devices only.
4) VF: 3.5 V Max. for types of V(BR) ≤ 200 V, and VF: 6.5 V Max. for types of V(BR) > 200 V.


Similar Part No. - P4KE9.1

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
P4KE9.1 SOCAY-P4KE9.1 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Pan Jit International I...
P4KE9.1 PANJIT-P4KE9.1 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
DONGGUAN YOU FENG WEI E...
P4KE9.1 YFWDIODE-P4KE9.1 Datasheet
917Kb / 6P
   Transient voltage suppressor power 400 watts
logo
Diotec Semiconductor
P4KE9.1 DIOTEC-P4KE9.1 Datasheet
114Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
P4KE9.1 WTE-P4KE9.1 Datasheet
82Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE9.1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com