Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC184 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BC184
Description  NPN Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BC184 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BC184 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BC184 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 27/12/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BC182…BC184
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Collector Emitter Saturation Voltage
at IC = 10 mA, IB = 0.5 mA
at IC = 100 mA, IB = 5 mA
VCE(sat)
-
-
0.25
0.6
V
Base Emitter Saturation Voltage
at IC = 100 mA, IB = 5 mA
VBE(sat)
-
1.2
V
Base Emitter On Voltage
at VCE = 5 V, IC = 2 mA
VBE(on)
0.55
0.7
V
Current Gain Bandwidth Product
at VCE = 5 V, IC = 10 mA, f = 100 MHz
fT
150
-
MHz
Collector Base Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
5
pF


Similar Part No. - BC184

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC184 FAIRCHILD-BC184 Datasheet
356Kb / 6P
   AMPLIFIER TRANSISTOR(NPN)
logo
Continental Device Indi...
BC184 CDIL-BC184 Datasheet
69Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Dc Components
BC184 DCCOM-BC184 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
BC184 SECOS-BC184 Datasheet
221Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
BC184 WINNERJOIN-BC184 Datasheet
126Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - BC184

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com