Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC172 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC172
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC172 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75LBC172 Datasheet HTML 3Page - Texas Instruments SN75LBC172 Datasheet HTML 4Page - Texas Instruments SN75LBC172 Datasheet HTML 5Page - Texas Instruments SN75LBC172 Datasheet HTML 6Page - Texas Instruments SN75LBC172 Datasheet HTML 7Page - Texas Instruments SN75LBC172 Datasheet HTML 8Page - Texas Instruments SN75LBC172 Datasheet HTML 9Page - Texas Instruments SN75LBC172 Datasheet HTML 10Page - Texas Instruments SN75LBC172 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SN65LBC172, SN75LBC172
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SLLS163B – JULY 1993 – REVISED JANUARY 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
IO – Output Current – mA
DIFFERENTIAL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3
2.5
2
1.5
1
0.5
90
80
70
60
50
40
30
20
10
0
0
100
VCC = 5 V
TA = 25°C
Figure 11
TA – Free-Air Temperature – °C
PROPAGATION DELAY TIME,
DIFFERENTIAL OUTPUT
vs
FREE-AIR TEMPERATURE
11
10
9
8
7
6
5
100
80
60
40
20
0
–20
–40
4
12
–60
13
14
RL = 54 Ω
CL = 50 pF
VCC = 5 V


Similar Part No. - SN75LBC172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC172 TI1-SN75LBC172 Datasheet
1Mb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN75LBC172A TI-SN75LBC172A Datasheet
480Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN75LBC172A TI1-SN75LBC172A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN75LBC172A16DW TI-SN75LBC172A16DW Datasheet
480Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN75LBC172A16DW TI1-SN75LBC172A16DW Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75LBC172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC172 TI-SN55LBC172_07 Datasheet
392Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI-SN55LBC172 Datasheet
177Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI1-SN65LBC172_16 Datasheet
1Mb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174_14 Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI-SN55LBC174 Datasheet
138Kb / 9P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com