Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE22A Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # P4KE22A
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

P4KE22A Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  P4KE22A Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. P4KE22A Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. P4KE22A Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. P4KE22A Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 13/12/2008 J
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
P4KE Series
Electrical Characteristics (Ta = 25 OC unless otherwise specified)
Breakdown Voltage
1)
Uni-directional /
Bi-directional
Type
3)
Stand-off
Voltage
VWM (V)
VBR (V)
Min. at IT
VBR (V)
Max. at IT
Test
Current
IT (mA)
Maximum
Clamping
Voltage
VC (V) at IPPM
Maximum
Peak Pulse
Current
IPPM (A)
Maximum
Reverse
Leakage
2)
ID (μA) at VWM
P4KE6.8 / C
5.5
6.12
7.48
10
10.8
38
1000
P4KE6.8A / CA
5.8
6.45
7.14
10
10.5
40
1000
P4KE7.5 / C
6.05
6.75
8.25
10
11.7
35
500
P4KE7.5A / CA
6.4
7.13
7.88
10
11.3
37
500
P4KE8.2 / C
6.63
7.38
9.02
10
12.5
33
200
P4KE8.2A / CA
7.02
7.79
8.61
10
12.1
34
200
P4KE9.1 / C
7.37
8.19
10
1
13.8
30
50
P4KE9.1A / CA
7.78
8.65
9.55
1
13.4
31
50
P4KE10 / C
8.1
9
11
1
15
28
10
P4KE10A / CA
8.55
9.5
10.5
1
14.5
29
10
P4KE11 / C
8.92
9.9
12.1
1
16.2
26
5
P4KE11A / CA
9.4
10.5
11.6
1
15.6
27
5
P4KE12 / C
9.72
10.8
13.2
1
17.3
24
5
P4KE12A / CA
10.2
11.4
12.6
1
16.7
25
5
P4KE13 / C
10.5
11.7
14.3
1
19
22
5
P4KE13A / CA
11.1
12.4
13.7
1
18.2
23
5
P4KE15 / C
12.1
13.5
16.5
1
22
19
5
P4KE15A / CA
12.8
14.3
15.8
1
21.2
20
5
P4KE16 / C
12.9
14.4
17.6
1
23.5
17.8
5
P4KE16A / CA
13.6
15.2
16.8
1
22.5
18.6
5
P4KE18 / C
14.5
16.2
19.8
1
26.5
16
5
P4KE18A / CA
15.3
17.1
18.9
1
25.5
16.5
5
P4KE20 / C
16.2
18
22
1
29.1
14
5
P4KE20A / CA
17.1
19
21
1
27.7
15
5
P4KE22 / C
17.8
19.8
24.2
1
31.9
13
5
P4KE22A / CA
18.8
20.9
23.1
1
30.6
13.7
5
P4KE24 / C
19.4
21.6
26.4
1
34.7
12
5
P4KE24A / CA
20.5
22.8
25.2
1
33.2
12.6
5
P4KE27 / C
21.8
24.3
29.7
1
39.1
10.7
5
P4KE27A / CA
23.1
25.7
28.4
1
37.5
11
5
P4KE30 / C
24.3
27
33
1
43.5
9.6
5
P4KE30A / CA
25.6
28.5
31.5
1
41.4
10
5
P4KE33 / C
26.8
29.7
36.3
1
47.7
8.8
5
P4KE33A / CA
28.2
31.4
34.7
1
45.7
9
5
P4KE36 / C
29.1
32.4
39.6
1
52
8
5
P4KE36A / CA
30.8
34.2
37.8
1
49.9
8.4
5
P4KE39 / C
31.6
35.1
42.9
1
56.4
7.4
5
P4KE39A / CA
33.3
37.1
41
1
53.9
7.7
5
P4KE43 / C
34.8
38.7
47.3
1
61.9
6.7
5
P4KE43A / CA
36.8
40.9
45.2
1
59.3
7
5
P4KE47 / C
38.1
42.3
51.7
1
67.8
6.2
5
P4KE47A / CA
40.2
44.7
49.4
1
64.8
6.4
5
P4KE51 / C
41.3
45.9
56.1
1
73.5
5.7
5
P4KE51A / CA
43.6
48.5
53.6
1
70.1
6
5
P4KE56 / C
45.4
50.4
61.6
1
80.5
5.2
5
P4KE56A / CA
47.8
53.2
58.8
1
77
5.4
5


Similar Part No. - P4KE22A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE22A PANJIT-P4KE22A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE22A TSC-P4KE22A Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Diotech Company.
P4KE22A DIOTECH-P4KE22A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
RFE international
P4KE22A RFE-P4KE22A Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Diotec Semiconductor
P4KE22A DIOTEC-P4KE22A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE22A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com