Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC369 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BC369
Description  PNP Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BC369 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BC369 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BC369 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 27/12/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BC369
PNP Silicon Epitaxial Planar Transistor
Applications
• General purpose switching and amplification
• Power application such as audio output stages
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
32
V
Collector Emitter Voltage
-VCEO
20
V
Emitter Base Voltage
-VEBO
5
V
Collector Current (DC)
-IC
1
A
Peak Collector Current
-ICM
2
A
Total Power Dissipation
Ptot
625
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at -VCE = 10 V, -IC = 5 mA
at -VCE = 1 V, -IC = 500 mA
at -VCE = 1 V, -IC = 1 A
hFE
hFE
hFE
50
85
60
-
375
-
-
-
-
Collector Base Cutoff Current
at -VCB = 25 V
-ICBO
-
100
nA
Emitter Base Cutoff Current
at -VEB = 5 V
-IEBO
-
100
nA
Collector Base Breakdown Voltage
at -IC = 100 µA
-V(BR)CBO
32
-
V
Collector Emitter Breakdown Voltage
at -IC = 10 mA
-V(BR)CEO
20
-
V
Emitter Base Breakdown Voltage
at -IE = 100 µA
-V(BR)EBO
5
-
V
Collector Emitter Saturation Voltage
at -IC = 1 A, -IB = 100 mA
-VCE(sat)
-
0.5
V
Base Emitter On Voltage
at -VCE = 1 V, -IC = 1 A
-VBE(on)
-
1
V
Gain Bandwidth Product
at -VCE = 5 V, -IC = 10 mA, f = 20 MHz
fT
40
-
MHz
1. Emitter 2. Collector 3. Base
TO-92 Plastic Package


Similar Part No. - BC369

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC369 MOTOROLA-BC369 Datasheet
129Kb / 4P
   Amplifier Transistors
logo
Zetex Semiconductors
BC369 ZETEX-BC369 Datasheet
27Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
ON Semiconductor
BC369 ONSEMI-BC369 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Jiangsu Changjiang Elec...
BC369 JIANGSU-BC369 Datasheet
403Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC369 PHILIPS-BC369 Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Apr 26
More results

Similar Description - BC369

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com