Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS176AD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS176AD
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS176AD Datasheet(HTML) 5 Page - Texas Instruments

  SN75ALS176AD Datasheet HTML 1Page - Texas Instruments SN75ALS176AD Datasheet HTML 2Page - Texas Instruments SN75ALS176AD Datasheet HTML 3Page - Texas Instruments SN75ALS176AD Datasheet HTML 4Page - Texas Instruments SN75ALS176AD Datasheet HTML 5Page - Texas Instruments SN75ALS176AD Datasheet HTML 6Page - Texas Instruments SN75ALS176AD Datasheet HTML 7Page - Texas Instruments SN75ALS176AD Datasheet HTML 8Page - Texas Instruments SN75ALS176AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN65ALS176, SN75ALS176, SN75ALS176A, SN75ALS176B
DIFFERENTIAL BUS TRANSCEIVERS
SLLS040G – AUGUST 1987 – REVISED DECEMBER 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
II = – 18 mA
– 1.5
V
VO
Output voltage
IO = 0
0
6
V
| VOD1 |
Differential output voltage
IO = 0
1.5
6
V
| VOD2 |
Differential output voltage
RL = 100 Ω,
See Figure 1
1/2 VOD1
or 2§
V
OD2
g
RL = 54 Ω,
See Figure 1
1.5
2.5
5
V
VOD3
Differential output voltage
Vtest = – 7 V to 12 V,
See Figure 2
1.5
5
V
∆| VOD |
Change in magnitude of differential
output voltage ¶
±0.2
V
VOC
Common mode output voltage
RL =54 Ω or 100 Ω
See Figure 1
3
V
VOC
Common-mode output voltage
RL = 54 Ω or 100 Ω,
See Figure 1
–1
V
∆| VOC |
Change in magnitude of
common-mode output voltage¶
±0.2
V
IO
Output current
Outputs disabled,
VO = 12 V
1
mA
IO
Output current
,
See Note 4
VO = – 7 V
– 0.8
mA
IIH
High-level input current
VI = 2.4 V
20
µA
IIL
Low-level input current
VI = 0.4 V
– 400
µA
#
VO = – 4 V
SN65ALS176
250
#
VO = – 6 V
SN75ALS176
– 250
IOS
Short-circuit output current#
VO = 0
– 150
mA
VO = VCC
250
VO = 8 V
250
ICC
Supply current
No load
Outputs enabled
23
30
mA
ICC
Supply current
No load
Outputs disabled
19
26
mA
† The power-off measurement in TIA/EIA-422-B applies to disabled outputs only and is not applied to combined inputs and outputs.
‡ All typical values are at VCC = 5 V and TA = 25°C.
§ The minimum VOD2 with a 100-Ω load is either 1/2 VOD1 or 2 V, whichever is greater.
∆ | VOD | and ∆ | VOC | are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from one logic state
to the other.
# Duration of the short circuit should not exceed one second for this test.
NOTE 4: This applies for power on and power off. Refer to TIA/EIA-485-A for exact conditions. The TIA/EIA-422-B limit does not apply for a
combined driver and receiver terminal.


Similar Part No. - SN75ALS176AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS176AD TI-SN75ALS176AD Datasheet
320Kb / 19P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS176AD TI-SN75ALS176AD Datasheet
486Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS176AD TI-SN75ALS176AD Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS176ADE4 TI-SN75ALS176ADE4 Datasheet
320Kb / 19P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS176ADE4 TI-SN75ALS176ADE4 Datasheet
486Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN75ALS176AD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com