Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC20-24S33 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # FDC20-24S33
Description  20 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FDC20-24S33 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  FDC20-24S33 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC20-24S33 Datasheet HTML 2Page - Power Mate Technology Co., LTD FDC20-24S33 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3 Issued Date:2008/05/21
FDC20-48S05
Efficiency VS Input Voltage
75%
77%
79%
81%
83%
85%
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE (V)
FDC20-48S05
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Recommended Filter for EN55022 Class B Compliance
The components used in the above figure, together with the
manufacturers’ part numbers for these components, are as
follows:
C1
C2
C3
C4
L1
FDC20-12xxx
4.7μF/50V
1812 MLCC
N/A
1000pF/2KV
MLCC
1000pF/2KV
MLCC
450μH
Common
Choke
PMT-048
FDC20-24xxx
4.7μF/50V
1812 MLCC
N/A
1000pF/2KV
MLCC
1000pF/2KV
MLCC
450μH
Common
Choke
PMT-048
FDC20-48xxx
2.2μF/100V
1812 MLCC
2.2μF/100V
1812 MLCC
1000pF/2KV
MLCC
1000pF/2KV
MLCC
450μH
Common
Choke
PMT-048
Recommended EN55022 Class B Filter Circuit Layout
PIN
SINGLE
1
+ INPUT
2
- INPUT
4
CTRL
5
NO PIN
6
+ OUTPUT
7
- OUTPUT
8
TRIM
DUAL
+ INPUT
- INPUT
CTRL
+ OUTPUT
COMMON
- OUTPUT
TRIM
TRIPLE
+ INPUT
- INPUT
CTRL
+ AUXILIARY
+3.3V / +5V
COMMON
- AUXILIARY
PIN CONNECTION
7(7)
8(8)
TRIM UP
8(8)
6(5)
TRIM DOWN
Output can be externally trimmed by
using the method shown below.
( ) for dual output trim
RU
RD
EXTERNAL OUTPUT TRIMMING
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)


Similar Part No. - FDC20-24S33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC20-24S33 ETC2-FDC20-24S33 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FDC20-24S33 ASTRODYNE-FDC20-24S33 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC20-24S33 P-DUKE-FDC20-24S33 Datasheet
347Kb / 3P
   20 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC20-24S33 ASTRODYNE-FDC20-24S33 Datasheet
202Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
More results

Similar Description - FDC20-24S33

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
SDC20-48S2P0 P-DUKE-SDC20-48S2P0 Datasheet
148Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
FED20-12S1P5 P-DUKE-FED20-12S1P5 Datasheet
247Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
FED20-24S3P3W P-DUKE-FED20-24S3P3W Datasheet
262Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JFC20 WALL-JFC20 Datasheet
253Kb / 5P
   20 Watts Maximum Output Power
logo
Artesyn Technologies
AXA04F18-L ARTESYN-AXA04F18-L Datasheet
414Kb / 2P
   POWER 20 Watts
logo
Astec America, Inc
AUG08M48 ASTEC-AUG08M48 Datasheet
91Kb / 2P
   20 Watts Embedded Power
AVC06S04 ASTEC-AVC06S04 Datasheet
78Kb / 2P
   20 Watts Embedded Power
logo
Artesyn Technologies
AET06G18-L ARTESYN-AET06G18-L Datasheet
473Kb / 3P
   Total Power: 20 Watts
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com