Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEC30-24S12 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FEC30-24S12
Description  30 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FEC30-24S12 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FEC30-24S12 Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC30-24S12 Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC30-24S12 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/05/21
62.9
69.4
FEC30-48S05 Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20406080
100
120
AMBIENT TEMPERATURE(℃)
FEC30-48S05 Derating Curve
With Heatsink (Note 4 )
0
20
40
60
80
100
120
-40
-20
0
2040
6080
100
120
AMBIENT TEMPERATURE(℃)
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage Min. load
Full load
Output
(4)
Ripple & Noise No load
(3) Full load(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
FEC30-12S1P5 9 – 18 VDC
1.5 VDC
0mA
6000mA
50mVp-p
100mA
1014mA
78
85800μF
FEC30-12S1P8 9 – 18 VDC 1.8 VDC
0mA
6000mA
50mVp-p
100mA
1169mA
81
65000μF
FEC30-12S2P5 9 – 18 VDC 2.5 VDC
0mA
6000mA
50mVp-p
110mA
1582mA
83
33000μF
FEC30-12S3P3 9 – 18 VDC 3.3 VDC
0mA
6000mA
50mVp-p
115mA
2037mA
85
19500μF
FEC30-12S05
9 – 18 VDC
5 VDC
0mA
6000mA
50mVp-p
95mA
3012mA
87
10200μF
FEC30-12S12
9 – 18 VDC
12 VDC
0mA
2500mA
75mVp-p
170mA
2976mA
88
3240μF
FEC30-12S15
9 – 18 VDC
15 VDC
0mA
2000mA
75mVp-p
210mA
2976mA
88
1100μF
FEC30-12D12
9 – 18 VDC ±12 VDC
0mA
±1250mA
100mVp-p
60mA
3012mA
87
±1020μF
FEC30-12D15
9 – 18 VDC ±15 VDC
0mA
±1000mA
100mVp-p
40mA
3012mA
87
±675μF
FEC30-24S1P5 18 – 36 VDC 1.5 VDC
0mA
6000mA
50mVp-p
50mA
493mA
80
85800μF
FEC30-24S1P8 18 – 36 VDC 1.8 VDC
0mA
6000mA
50mVp-p
35mA
580mA
82
65000μF
FEC30-24S2P5 18 – 36 VDC 2.5 VDC
0mA
6000mA
50mVp-p
45mA
780mA
84
33000μF
FEC30-24S3P3 18 – 36 VDC 3.3 VDC
0mA
6000mA
50mVp-p
50mA
1010mA
86
19500μF
FEC30-24S05 18 – 36 VDC
5 VDC
0mA
6000mA
50mVp-p
50mA
1490mA
88
10200μF
FEC30-24S12 18 – 36 VDC 12 VDC
0mA
2500mA
75mVp-p
80mA
1470mA
89
3300μF
FEC30-24S15 18 – 36 VDC 15 VDC
0mA
2000mA
75mVp-p
90mA
1470mA
89
1100μF
FEC30-24D12 18 – 36 VDC ±12 VDC
0mA
±1250mA
100mVp-p
30mA
1488mA
88
±1020μF
FEC30-24D15 18 – 36 VDC ±15 VDC
0mA
±1000mA
100mVp-p
30mA
1488mA
88
±675μF
FEC30-48S1P5 36 – 75 VDC 1.5 VDC
0mA
6000mA
50mVp-p
20mA
244mA
81
85800μF
FEC30-48S1P8 36 – 75 VDC 1.8 VDC
0mA
6000mA
50mVp-p
20mA
290mA
83
65000μF
FEC30-48S2P5 36 – 75 VDC 2.5 VDC
0mA
6000mA
50mVp-p
25mA
390mA
85
33000μF
FEC30-48S3P3 36 – 75 VDC 3.3 VDC
0mA
6000mA
50mVp-p
30mA
500mA
87
19500μF
FEC30-48S05 36 – 75 VDC
5 VDC
0mA
6000mA
50mVp-p
35mA
740mA
89
10200μF
FEC30-48S12 36 – 75 VDC 12 VDC
0mA
2500mA
75mVp-p
35mA
730mA
90
3300μF
FEC30-48S15 36 – 75 VDC 15 VDC
0mA
2000mA
75mVp-p
55mA
730mA
90
1100μF
FEC30-48D12 36 – 75 VDC ±12 VDC
0mA
±1250mA
100mVp-p
20mA
744mA
88
±1020μF
FEC30-48D15 36 – 75 VDC ±15 VDC
0mA
±1000mA
100mVp-p
20mA
744mA
88
±675μF
FEC30-48S05
Efficiency VS Input Voltage
80
82
84
86
88
90
92
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE (V)
FEC30-48S05
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Note
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Test by minimum Vin and constant resistive load.
6. The ON/OFF control pin voltage is referenced to -Vin.
7. Heat sink is optional and P/N: 7G-0011C-F.
8. The FEC30 series can meet EN55022 Class A with parallel an external capacitor to the input pins.
Recommend: 12Vin : 6.8μF/50V 1812 MLCC .
24Vin : 6.8μF/50V 1812 MLCC .
48Vin : 2.2μF/100V 1812 MLCC.
9. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ.
(Note 7)


Similar Part No. - FEC30-24S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEC30-24S12 ETC1-FEC30-24S12 Datasheet
155Kb / 3P
   FEC30
logo
Volgen Kaga Electronics...
FEC30-24S12 VOLGEN-FEC30-24S12 Datasheet
641Kb / 2P
   30 WATT DC/DC CONVERTER SINGLE OUTPUT
logo
Power Mate Technology C...
FEC30-24S12 P-DUKE-FEC30-24S12 Datasheet
334Kb / 3P
   30 WATTS DC-DC CONVERTER
FEC30-24S12W P-DUKE-FEC30-24S12W Datasheet
279Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
FEC30-24S12W P-DUKE-FEC30-24S12W Datasheet
334Kb / 3P
   30 WATTS DC-DC CONVERTER
More results

Similar Description - FEC30-24S12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC30-24S1P5W P-DUKE-FEC30-24S1P5W Datasheet
279Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
FED30-12S1P5 P-DUKE-FED30-12S1P5 Datasheet
325Kb / 3P
   30 WATTS OUTPUT POWER
FED30-24S1P5W P-DUKE-FED30-24S1P5W Datasheet
383Kb / 3P
   30 WATTS OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com