Electronic Components Datasheet Search |
|
FEC15-48D12 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD |
|
FEC15-48D12 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD |
1 / 3 page Page 1 of 3 Issued Date:2008/05/21 INPUT SPECIFICATIONS Input voltage range 12V nominal input 24V nominal input 48V nominal input 9 – 18VDC 18 – 36VDC 36 – 75VDC Input filter Pi type Input surge voltage 100mS max 12V input 24V input 48V input 36VDC 50VDC 100VDC Input reflected ripple current Nominal Vin and full load 20mAp-p Start up time Nominal Vin and constant resistive load Power up 20mS, typ. Remote ON/OFF (Option) (Note 7) (Positive logic) (Negative logic) DC-DC ON DC-DC OFF DC-DC ON DC-DC OFF Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V Short or 0V < Vr < 1.2V Open or 3.5V < Vr < 12V Input current of remote control pin Nominal Vin -0.5mA ~ +1mA Remote off state input current Nominal Vin 20mA ENVIRONMENTAL SPECIFICATIONS Operating ambient temperature -40ºC ~ +85ºC (with derating) Maximum case temperature 100ºC Storage temperature range -55ºC ~ +105ºC Thermal impedance (Note 8) Nature convection Nature convection with heat-sink 12ºC/Watt 10ºC/Watt Thermal shock MIL-STD-810F Vibration MIL-STD-810F Relative humidity 5% to 95% RH EMC CHARACTERISTICS EMI (Note 9) EN55022 Class A ESD EN61000-4-2 Air Contact ± 8KV ± 6KV Perf. Criteria B Radiated immunity EN61000-4-3 10 V/m Perf. Criteria A Fast transient (Note 10) EN61000-4-4 ± 2KV Perf. Criteria B Surge (Note 10) EN61000-4-5 ± 1KV Perf. Criteria B Conducted immunity EN61000-4-6 10 Vr.m.s Perf. Criteria A OUTPUT SPECIFICATIONS Output power 15 Watts, max. Voltage accuracy Full load and nominal Vin ± 1% Minimum load (Note 6) See Table Line regulation LL to HL at Full Load ± 0.5% Load regulation Min. load to Full load Single Dual ± 0.5% ± 1% Cross regulation (Dual) Asymmetrical load 25% / 100% FL ± 5% Ripple and noise 20MHz bandwidth Single Dual 50mVp-p 75mVp-p Temperature coefficient ± 0.02% / ºC, max. Transient response recovery time 25% load step change 250μS Over voltage protection (Zener diode clamp) 3.3V output 5V output 12V output 15V output 3.9VDC 6.2VDC 15VDC 18VDC Over load protection % of FL at nominal input 150%, max. Short circuit protection Hiccup, automatics recovery GENERAL SPECIFICATIONS Efficiency See table Isolation voltage 1600VDC, min. Isolation resistance 10 9 ohms, min. Isolation capacitance 300pF, max. Switching frequency Single output Dual output 500KHz, typ. 300KHz, typ. Approvals and standard IEC60950-1, UL60950-1, EN60950-1 Case material Nickel-coated copper Base material Non-conductive black plastic Potting material Epoxy (UL94-V0) Dimensions 2.00 X 1.00 X 0.40 Inch (50.8 X 25.4 X 10.2 mm) Weight 27g (0.95oz) MTBF (Note 1) BELLCORE TR-NWT-000332 MIL-HDBK-217F 2.041 x 10 6 hrs 1.044 x 10 6 hrs TECH NI C A L SPECIFICA T IO N All specifications are typical at nominal input, full load and 25ºC otherwise noted FEATURES • 15 WATTS OUTPUT POWER • OUTPUT CURRENT UP TO 4A • STANDARD 2.0 X 1.0 X 0.4 INCH PACKAGE • HIGH EFFICIENCY UP TO 88% • 2:1 WIDE INPUT VOLTAGE RANGE • SIX-SIDED CONTINUOUS SHIELD • FIXED SWITCHING FREQUENCY • CE MARK MEETS 2006/95/EC,93/68/EEC AND 2004/108/EC • UL60950-1, EN60950-1 AND IEC60950-1 LICENSED • ISO9001 CERTIFIED MANUFACTURING FACILITIES • COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC OPTIONS Positive logic & Negative logic Remote On/Off DESCRIPTION The FEC15 series offer 15 watts of output power from a 2 x 1 x 0.4 inch package. The FEC15 series with 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC. APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment |
Similar Part No. - FEC15-48D12 |
|
Similar Description - FEC15-48D12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |