Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEC40-48S3P3W Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # FEC40-48S3P3W
Description  40 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FEC40-48S3P3W Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  FEC40-48S3P3W Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC40-48S3P3W Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC40-48S3P3W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3 Issued Date:2008/06/12
PIN CONNECTION
PIN
SINGLE
DUAL
1
+INPUT
+INPUT
2
-INPUT
-INPUT
3
CTRL
CTRL
4
-SENSE
+OUTPUT
5
+SENSE
COM
6
+OUTPUT
COM
7
-OUTPUT
-OUTPUT
8
TRIM
TRIM
4(7)
8(8)
TRIM UP
8(8)
5(4)
TRIM DOWN
Output can be externally trimmed by
using the method shown below.
( ) for dual output trim
EXTERNAL OUTPUT TRIMMING
RU
RD
Recommended Filter for EN55022 Class B Compliance
The components used in the above figure, together with the
manufacturers’ part numbers for these components, are as
follows:
C1
C2
C3
C4
C5 & C6
L1
FEC40-
24xxxW
4.7μF/50V
1812 MLCC
N/A
4.7μF/50V
1812 MLCC
N/A
1000pF/2KV
MLCC
450μH
Common
Choke
PMT-048
FEC40-
48xxxW
2.2μF/100V
1812 MLCC
2.2μF/100V
1812 MLCC
2.2μF/100V
1812 MLCC
2.2μF/100V
1812 MLCC
1000pF/2KV
MLCC
830μH
Common
Choke
PMT-053
Recommended EN55022 Class B Filter Circuit Layout
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)


Similar Part No. - FEC40-48S3P3W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC40-48S3P3W P-DUKE-FEC40-48S3P3W Datasheet
470Kb / 3P
   40 WATTS DC-DC CONVERTER
More results

Similar Description - FEC40-48S3P3W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC40-12S1P5 P-DUKE-FEC40-12S1P5 Datasheet
356Kb / 4P
   40 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com