Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDM176DGK Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM176DGK
Description  HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM176DGK Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDM176DGK Datasheet HTML 3Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 4Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 5Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 6Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 7Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 8Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 9Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 10Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN65LVDM176
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SLLS320C – DECEMBER 1998 – REVISED MARCH 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
driver switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
0.5
1.7
2.7
ns
tPHL
Propagation delay time, high-to-low-level output
RL = 50Ω,
0.5
1.7
2.7
ns
tsk(p)
Pulse skew (|tpHL – tpLH|)
RL = 50Ω,
CL = 10 pF,
0.2
ns
tr
Differential output signal rise time
See Figure 3
0.6
1
ns
tf
Differential output signal fall time
0.6
1
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
8
12
tPZL
Propagation delay time, high-impedance-to-low-level output
See Figure 5
7
10
ns
tPHZ
Propagation delay time, high-level-to-high-impedance output
See Figure 5
3
10
ns
tpLZ
Propagation delay time, low-level-to-high-impedance output
4
10
† All typical values are at 25
°C and with a 3.3 V supply.
‡ tsk(lim) is the maximum delay time difference between drivers over temperature, VCC, and process.
receiver switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
2.3
3.7
4.5
tPHL
Propagation delay time, high-to-low-level output
C10 F
2.3
3.7
4.5
ns
tsk(p)
Pulse skew (|tpHL – tpLH|)
CL = 10 pF,
See Figure 7
0.4
tr
Output signal rise time
See Figure 7
0.8
1.5
ns
tf
Output signal fall time
0.8
1.5
ns
tPZH
Propagation delay time, high-level-to-high-impedance output
3
10
tPZL
Propagation delay time, low-level-to-low-impedance output
See Figure 8
3
10
ns
tPHZ
Propagation delay time, high-impedance-to-high-level output
See Figure 8
4
10
ns
tPLZ
Propagation delay time, low-impedance-to-high-level output
6
10
† All typical values are at 25
°C and with a 3.3-V supply.
‡ tsk(lim) is the maximum delay time difference between drivers over temperature, VCC, and process.
PARAMETER MEASUREMENT INFORMATION
driver
VOD
VOB
VOA
VOC
VI
IOA
IOB
II
D
B
A
V
OA )
V
OB
2
Driver Enabled
Figure 2. Driver Voltage and Current Definitions


Similar Part No. - SN65LVDM176DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM176DGK TI-SN65LVDM176DGK Datasheet
209Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176DGKG4 TI-SN65LVDM176DGKG4 Datasheet
209Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176DGKR TI-SN65LVDM176DGKR Datasheet
209Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176DGKRG4 TI-SN65LVDM176DGKRG4 Datasheet
209Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
More results

Similar Description - SN65LVDM176DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM176 TI-SN65LVDM176_06 Datasheet
209Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176 TI-SN65LVDM176_08 Datasheet
211Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com