Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKC03-24D15 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FKC03-24D15
Description  3 WATTS REGULATED OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC03-24D15 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FKC03-24D15 Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC03-24D15 Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC03-24D15 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER:08 Page 1 of 3 Issued Date:2008/05/21
OUTPUT SPECIFICATIONS
Output power
3 Watts, max.
Voltage accuracy
Full load and nominal Vin
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
No Load to Full Load
Single
± 0.2%
Dual
± 1%
Cross regulation(Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±
0.02% / ºC, max.
Transient response recovery time 25% load step change
200μS
Over load protection
% of FL at nominal input
180%, typ.
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input(Output) to Case
DIP
SMD
1600VDC, min.
1600VDC, min.
1000VDC, min.
Isolation resistance
10
9
ohms, min.
Isolation capacitance
300pF, max.
Switching frequency
300KHz, typ.
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
DIP
SMD
16g (0.55oz)
18g (0.62oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
3.155 x 10
6 hrs
2.597 x 10
6 hrs
INPUT SPECIFICATIONS
Input voltage range
12V nominal input
24V nominal input
48V nominal input
9 – 18VDC
18 – 36VDC
36 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
12V input
24V input
48V input
36VDC
50VDC
100VDC
Input reflected ripple current
Nominal Vin and full load
20mAp-p
Start up time
Nominal Vin and
constant resistive load
Power up
350mS, max.
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
Standard
M1 (Note 6)
-25ºC~+85ºC (with derating)
-40ºC~+85ºC (non-derating)
Maximum case temperature
+100ºC
Storage temperature range
-55ºC ~ +105ºC
Thermal impedance
Nature convection
20ºC/watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
±
8KV
±
6KV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (Note 7) EN61000-4-4
±
2KV
Perf. Criteria B
Surge (Note 7)
EN61000-4-5
±
1KV
Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
TECHNICAL SPEC I FI C A TION All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
3 WATTS REGULATED OUTPUT POWER
OUTPUT CURRENT UP TO 500mA
STANDARD 1.25 X 0.80 X 0.40 INCH
HIGH EFFICIENCY UP TO 82%
2:1 WIDE INPUT VOLTAGE RANGE
FIVE-SIDED SHIELD
FIXED SWITCHING FREQUENCY (300KHz)
STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
OVER CURRENT PROTECTION
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
OPTIONS
SMD TYPE, M1 TYPE
DESCRIPTION
The FKC03 series offer 3 watts of output power from a package in an IC
compatible 24pin DIP configuration without derating to 71ºC ambient
temperature and pin to pin compatible with FKC05 series. FKC03 series
have 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - FKC03-24D15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
FKC03-24D15 RSG-FKC03-24D15 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
FKC03-24D15 P-DUKE-FKC03-24D15 Datasheet
629Kb / 3P
   DC-DC CONVERTER
More results

Similar Description - FKC03-24D15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC03-05S33 P-DUKE-PFKC03-05S33 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com