Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FED30-48S12W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FED30-48S12W
Description  30 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FED30-48S12W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FED30-48S12W Datasheet HTML 1Page - Power Mate Technology Co., LTD FED30-48S12W Datasheet HTML 2Page - Power Mate Technology Co., LTD FED30-48S12W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3 Issued Date:2008/07/11
INPUT SPECIFICATIONS
Input voltage range
24V nominal input
48V nominal input
9 – 36VDC
18 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
24V input
48V input
50VDC
100VDC
Input reflected ripple current
Nominal Vin and full load
20mAp-p
Start up time
Nominal Vin and
constant resistive load
Power up
Remote ON/OFF
30mS, typ.
30mS, typ.
Start-up voltage
24V input
48V input
9VDC
18VDC
Shutdown voltage
24V input
48V input
8VDC
16VDC
Remote ON/OFF (Note 6)
(Positive logic)(Standard)
(Negative logic)(Option)
DC-DC ON
DC-DC OFF
DC-DC ON
DC-DC OFF
Open or 3V < Vr < 12V
Short or 0V < Vr < 1.2V
Short or 0V < Vr < 1.2V
Open or 3V < Vr < 12V
Input current of Remote control pin
Nominal Vin
-0.5mA ~ +0.5mA
Remote off state input current
Nominal Vin
3mA
ENVIRONMENTAL SPECIFICATIONS
-40ºC to +50ºC (without derating)
Operating ambient temperature
+50ºC to +85ºC (with derating)
Maximum case temperature
105ºC
Storage temperature range
-55ºC to +125ºC
Over temperature protection
115ºC, typ
Thermal impedance
(Note 7)
Nature convection
Nature convection with heat-sink
12ºC/Watt
10ºC/Watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 8)
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
±
8KV
±
6KV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m Perf. Criteria A
Fast transient (Note 9) EN61000-4-4
±
2KV Perf. Criteria A
Surge (Note 9)
EN61000-4-5
±
1KV Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s Perf. Criteria A
OUTPUT SPECIFICATIONS
Output power
30 Watts max.
Voltage accuracy
Full load and nominal Vin
±1%
Voltage adjustability
Single output
± 10%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
No load to Full load
Single
Dual
± 0.5%
± 1%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
(Measured with a 1uF/50V MLCC)
1.5-5.1Vo 100mVp-p
12-15Vo
150mVp-p
Temperature coefficient
±
0.02% / ºC, max.
Transient response recovery time
25% load step change
250μS
Over voltage protection
Zener diode clamp
1.5V
2.5V
3.3V
5.0V & 5.1V & ±5V
12V & ±12V
15V & ±15V
Output
Output
Output
Output
Output
Output
2.0V
3.3V
3.9V
6.2V
15V
18V
Over load protection
% of FL at nominal input
150%, typ.
Short circuit protection
Hiccup, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input (Output) to Case
1600VDC, min.
1600VDC, min.
Case grounding
Connect case to -Vin with decoupling Y Cap
Isolation resistance
10
9ohms, min.
Isolation capacitance
1500pF, max.
Switching frequency
430KHz,typ.
Design meets safety standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Nickel-coated copper
Base material
FR4 PCB
Potting material
Epoxy (UL94-V0)
Dimensions
2.00 X 1.00 X 0.40 Inch
(50.8X 25.4 X 10.2 mm)
Weight
30.5g(1.07oz)
MTBF (Note 1)
BELLCORE-TR-NWT-000332
MIL-HDBK-217F
3.163 x 10
6 hrs.
4.347 x 10
5 hrs.
TECHNICAL SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
30 WATTS OUTPUT POWER
OUTPUT CURRENT UP TO 8.5A
STANDARD 2.00 X 1.00 X 0.40 INCH
HIGH EFFICIENCY UP TO 91%
4:1 ULTRA WIDE INPUT VOLTAGE RANGE
SIX-SIDED CONTINUOUS SHIELD
FIXED SWITCHING FREQUENCY
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 89/336 EEC
DESIGN MEETS UL60950-1, EN60950-1 AND IEC60950-1
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
OPTIONS
Negative logic Remote On/Off
DESCRIPTION
The FED30W series offer 30 watts of output power from a 2 x 1 x 0.4 inch
package. FED30W series have 4:1 ultra wide input voltage of 9-36 and
18-75VDC. The FED30W have features 1600VDC of isolation, short circuit
protection, over-current protection, over-voltage protection, over-temperature
protection and six sided shielding.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement
Semiconductor Equipment


Similar Part No. - FED30-48S12W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FED30-48S12W P-DUKE-FED30-48S12W Datasheet
1Mb / 3P
   30 WATTS DC-DC CONVERTER
More results

Similar Description - FED30-48S12W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FED30-12S1P5 P-DUKE-FED30-12S1P5 Datasheet
325Kb / 3P
   30 WATTS OUTPUT POWER
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
FEC30-24S1P5W P-DUKE-FEC30-24S1P5W Datasheet
279Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
logo
Artesyn Technologies
LDO06C-005W05-VJ ARTESYN-LDO06C-005W05-VJ_15 Datasheet
671Kb / 4P
   POWER 30 Watts
logo
Qualtek Electronics Cor...
QFWB-30 QUALTEK-QFWB-30 Datasheet
375Kb / 2P
   30 Watts Single Output Wall Mount
logo
Astec America, Inc
AUK11M48 ASTEC-AUK11M48 Datasheet
90Kb / 2P
   30 Watts Embedded Power
logo
ETA-USA
OCH30S ETA-USA-OCH30S Datasheet
541Kb / 6P
   DC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 30 WATTS
logo
Wall Industries,Inc.
DTA36 WALL-DTA36 Datasheet
133Kb / 3P
   20 ~ 30 Watts Single Output AC/DC Desktop Power Supply
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com