Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEC40-24T0515 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FEC40-24T0515
Description  40 WATTS MAXIMUM OUTPUT POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FEC40-24T0515 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FEC40-24T0515 Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC40-24T0515 Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC40-24T0515 Datasheet HTML 3Page - Power Mate Technology Co., LTD FEC40-24T0515 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4 Issued Date:2008/06/12
OUTPUT SPECIFICATIONS
Output power
40 Watts, max.
Voltage accuracy FL and nominal Vin
Single / Dual
Triple Main
Auxiliary
± 1%
± 1%
± 5%
Minimum load (Note 6)
See Table
Voltage adjustability (Note 7)
Single and Dual output only
(not including Dual Positive and triple)
± 10%
Line regulation LL to HL at Full Load
Single/Dual
Triple(main)
Triple(auxiliary)
± 0.5%
± 1%
± 5%
Load regulation
(Note 8)
Min. Load to Full Load
Single
Dual
Triple Main
Auxiliary
± 0.5%
± 1%
± 2%
± 5%
Load cross regulation
(Note 9)
Triple(main)
Dual/Triple(auxiliary)
± 1%
± 5%
Ripple and noise
(Note 10)
20MHz bandwidth
(Measured with a 0.1μF/50V MLCC)
See table
Temperature coefficient
±
0.02% / ºC, max.
Transient response recovery time
25% load step change
250μS
Over voltage protection
Zener diode clamp
1.5V output
1.8V output
2.5V output
3.3V output
5V output
12V output
15V output
3.9VDC
3.9VDC
3.9VDC
3.9VDC
6.2VDC
15VDC
18VDC
Over load protection
% of FL at nominal input
150%, max.
Short circuit protection
Hiccup, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input(Output) to Case
1600VDC, min.
1600VDC, min.
Isolation resistance
10
9
ohms, min.
Isolation capacitance
1000pF, max.
Switching frequency (Note 11)
300KHz, typ.
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Nickel-coated copper
Base material
FR4 PCB
Potting material
Epoxy (UL94-V0)
Dimensions
2.00 X 2.00 X 0.40 Inch
(50.8 X 50.8 X 10.2 mm)
Weight
60g (2.11oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
1.398 x 10
6 hrs
3.585 x 10
5 hrs
INPUT SPECIFICATIONS
Input voltage range
12V nominal inpu
24V nominal input
48V nominal input
9 – 18VDC
18 – 36VDC
36 – 75VDC
Input filter
L-C type
Input surge voltage
100mS max
12V input
24V input
48V input
36VDC
50VDC
100VDC
Input reflected ripple current
Nominal Vin and full load
40mAp-p
Start up time
Nominal Vin and
constant resistive load
Powe up
Remote ON/OFF
25mS, typ.
25mS, typ.
Start-up voltage
12V input
24V input
48V input
9VDC
17.8VDC
36VDC
Shutdown voltage
12V input
24V input
48V input
8VDC
16VDC
34VDC
Remote ON/OFF (Note 12)
(Positive logic)
DC-DC ON
DC-DC OFF
Open or 3.5V < Vr < 12V
Short or 0V < Vr < 1.2V
Input current of remote control pin
Nominal Vin
-0.5mA~+0.5mA
Remote off input current
Nominal Vin
2.5mA
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-40ºC ~ +85ºC (with derating)
Maximum case temperature
+100ºC
Storage temperature range
-55ºC ~ +105ºC
Over temperature protection
115ºC, typ
Thermal impedance
(Note 13)
Nature convection
Heat-sink with 20LFM
Heat-sink with 500LFM
9.2ºC/Watt
7.6ºC/Watt
2.8ºC/Watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EM I (Note 14)
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
±
8KV
±
6KV
Perf. Criteria B
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (Note 15) EN61000-4-4
±
2KV
Perf. Criteria B
Surge (Note 15)
EN61000-4-5
±
1KV
Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
TECHNICAL SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
40 WATTS MAXIMUM OUTPUT POWER
OUTPUT CURRENT UP TO 8A
STANDARD 2.0 X 2.0 X 0.4 INCH PACKAGE
HIGH EFFICIENCY UP TO 90%
2:1 WIDE INPUT VOLTAGE RANGE
SIX-SIDED CONTINUOUS SHIELD
FIXED SWITCHING FREQUENCY
OFFER SINGLE, DUAL, DUAL POSITIVE
(TOTAL OUTPUT CURRENT 8A) AND TRIPLE OUTPUT
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
DESCRIPTION
The FEC40 series offer 40 watts of output power from a 2 x 2 x 0.4 inch
package. The FEC40 series with 2:1 wide input voltage of
9-18VDC,18-36VDC and 36-75VDC and features 1600VDC of isolation,
short-circuit and over-voltage protection.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - FEC40-24T0515

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FEC40-24T0515 ASTRODYNE-FEC40-24T0515 Datasheet
633Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
logo
Volgen Kaga Electronics...
FEC40-24T0515 VOLGEN-FEC40-24T0515 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Power Mate Technology C...
FEC40-24T0515 P-DUKE-FEC40-24T0515 Datasheet
350Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FEC40-24T0515 ASTRODYNE-FEC40-24T0515 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results

Similar Description - FEC40-24T0515

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC40-24S3P3W P-DUKE-FEC40-24S3P3W Datasheet
272Kb / 3P
   40 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com