Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

112LP02D-PCB Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # 112LP02D-PCB
Description  Signal conditioned precision pressure transducers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

112LP02D-PCB Datasheet(HTML) 1 Page - Sensortechnics GmbH

  112LP02D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 112LP02D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 112LP02D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 112LP02D-PCB Datasheet HTML 4Page - Sensortechnics GmbH 112LP02D-PCB Datasheet HTML 5Page - Sensortechnics GmbH 112LP02D-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
110L...-PCB / 430L...-PCB Series
Signal conditioned precision pressure transducers
1/6
January 2007 / 006
www.sensortechnics.com
FEATURES
· 1 to 50 mbar, 1 to 30 "H
2O
gage or differential pressure
(custom calibrations available)
· 1...6 V or 4...20 mA output
· Internal supply regulation
· Precision temperature compensated
and calibrated
· Special calibrations for small volumes
on request
ELECTRICAL CONNECTION
12...24 V
12...36 V
20 mA
10 mA
-25 to 85°C
-10 to 70°C
0 to 50°C
300°C
0 - 80 %RH
SPECIFICATIONS
Maximum ratings
Supply voltage
110L...-PCB
430L...-PCB1
Maximum load current (110L...-PCB only)
source
sink
Temperature limits
Storage
Operating
Compensated
Lead temperature(4 sec soldering)
Humidity limits (pressure inlets only)
SERVICE
Non-corrosive, non-ionic working fluids
such as dry air and dry gases.
1...6 V output version
4...20 mA output version
Scale:
1 cm
1 inch
+Vs
Vout
-Vs
110L...-PCB
V
12 to 24 V
-Vs
430L...-PCB
+Vs
L
V
R
12 to 36 V
GND


Similar Part No. - 112LP02D-PCB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
112 CTS-112 Datasheet
63Kb / 3P
   22x25mm Stratum 3 OCXO
logo
Honeywell Solid State E...
112 HONEYWELL-112 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
112 ARIES-112 Datasheet
782Kb / 2P
   Easy Identification and Tracing with 10-color Cable
logo
Alpha Wire
112 ALPHAWIRE-112 Datasheet
100Kb / 4P
   Customer Specification
8/26/2022
112 ALPHAWIRE-112 Datasheet
99Kb / 4P
   Customer Specification
11/30/2022
More results

Similar Description - 112LP02D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
BSDX0811BARO SENSORTECHNICS-BSDX0811BARO Datasheet
90Kb / 5P
   Signal conditioned high precision pressure transducers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com