Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC180N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC180N
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC180N Datasheet(HTML) 2 Page - Texas Instruments

  SN75LBC180N Datasheet HTML 1Page - Texas Instruments SN75LBC180N Datasheet HTML 2Page - Texas Instruments SN75LBC180N Datasheet HTML 3Page - Texas Instruments SN75LBC180N Datasheet HTML 4Page - Texas Instruments SN75LBC180N Datasheet HTML 5Page - Texas Instruments SN75LBC180N Datasheet HTML 6Page - Texas Instruments SN75LBC180N Datasheet HTML 7Page - Texas Instruments SN75LBC180N Datasheet HTML 8Page - Texas Instruments SN75LBC180N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN65LBC180, SN75LBC180
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SLLS174B – FEBRUARY 1994 – REVISED JANUARY 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The devices also provide positive and negative output-current limiting and thermal shutdown for protection from
line fault conditions. The line driver shuts down at a junction temperature of approximately 172
°C.
The SN65LBC180 and SN75LBC180 are available in the 14-pin dual-in-line and small-outline packages. The
SN75LBC180 is characterized for operation over the commercial temperature range of 0
°C to 70°C. The
SN65LBC180 is characterized over the industrial temperature range of – 40
°C to 85°C.
schematics of inputs and outputs
RECEIVER A INPUT
EQUIVALENT OF D, DE, AND RE INPUTS
RECEIVER B INPUT
DRIVER OUTPUT
TYPICAL OF RECEIVER OUTPUT
Output
VCC
VCC
100 k
NOM
3 k
NOM
Input
18 k
NOM
1.1 k
NOM
1.1 k
NOM
3 k
NOM
18 k
NOM
100 k
NOM
Input
VCC
Input
VCC
22 k
VCC
A Output
12 k
12 k


Similar Part No. - SN75LBC180N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC180N TI1-SN75LBC180N Datasheet
877Kb / 24P
[Old version datasheet]   LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
SN75LBC180NE4 TI1-SN75LBC180NE4 Datasheet
877Kb / 24P
[Old version datasheet]   LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN75LBC180N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com