Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

163PC01D36-PCB Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # 163PC01D36-PCB
Description  Fully signal conditioned low pressure transducer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

163PC01D36-PCB Datasheet(HTML) 1 Page - Sensortechnics GmbH

  163PC01D36-PCB Datasheet HTML 1Page - Sensortechnics GmbH 163PC01D36-PCB Datasheet HTML 2Page - Sensortechnics GmbH 163PC01D36-PCB Datasheet HTML 3Page - Sensortechnics GmbH 163PC01D36-PCB Datasheet HTML 4Page - Sensortechnics GmbH 163PC01D36-PCB Datasheet HTML 5Page - Sensortechnics GmbH 163PC01D36-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
160PC...-PCB Series
Fully signal conditioned low pressure transducer
1/6
June 2006 / 567
www.sensortechnics.com
FEATURES
· Pressure ranges from 0...±2.5 "H
2O
(0...±6.4 cm H
2O) to -20...120 cm H2O
(custom calibrations available)
· 1...6 V output
· Output ratiometric to supply voltage
· Precision temperature compensated
and calibrated
· Special calibrations for small
volumes on request
· EMC-proof
SPECIFICATIONS
Maximum ratings
Excitation voltage
Output current
Source
Sink
Output load capacitance
Temperature limits
Operating
Storage
Compensated
Humidity (non-condensing)
Proof pressure1
ELECTRICAL CONNECTION
7...16 V
10 mA
5 mA
10 nF
-25 to +85°C
-40 to +125°C
-18 to +63°C
0 - 95 %RH
350 mbar
SERVICE
Non-corrosive, non-ionic working fluids,
such as dry air and dry gases
Scale:
1 cm
1 inch
160PC...-PCB
+Vs
Vout
-Vs
V
7 V to 16 V
(NOM 8.00 V)


Similar Part No. - 163PC01D36-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
163PC01D36-PCB SENSORTECHNICS-163PC01D36-PCB Datasheet
140Kb / 6P
   Fully signal conditioned low pressure transducer
More results

Similar Description - 163PC01D36-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB_16 Datasheet
140Kb / 6P
   Fully signal conditioned low pressure transducer
logo
List of Unclassifed Man...
HCXPM005D6V ETC1-HCXPM005D6V Datasheet
212Kb / 3P
   Fully signal conditioned pressure transducer
logo
Sensortechnics GmbH
HCXPM005D6V SENSORTECHNICS-HCXPM005D6V Datasheet
77Kb / 4P
   Fully signal conditioned pressure transducer
40PC001B1A SENSORTECHNICS-40PC001B1A Datasheet
192Kb / 8P
   Fully signal conditioned pressure transducer
RVAQ050GB1 SENSORTECHNICS-RVAQ050GB1 Datasheet
168Kb / 8P
   Fully signal conditioned pressure transducers
logo
List of Unclassifed Man...
5882-006-D-B ETC2-5882-006-D-B Datasheet
396Kb / 6P
   SIGNAL-CONDITIONED PRESSURE SENSOR
logo
Sensortechnics GmbH
ASDX015A24R SENSORTECHNICS-ASDX015A24R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
RBAP015AU SENSORTECHNICS-RBAP015AU Datasheet
103Kb / 6P
   Signal conditioned pressure sensors
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com