Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAE75-24S28W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # HAE75-24S28W
Description  OUTPUT CURRENT UP TO 20A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

HAE75-24S28W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  HAE75-24S28W Datasheet HTML 1Page - Power Mate Technology Co., LTD HAE75-24S28W Datasheet HTML 2Page - Power Mate Technology Co., LTD HAE75-24S28W Datasheet HTML 3Page - Power Mate Technology Co., LTD HAE75-24S28W Datasheet HTML 4Page - Power Mate Technology Co., LTD HAE75-24S28W Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Page 2 of 5 Issued Date:2009/01/13
Note
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40 .
MIL-HDBK-217F Notice2 @Ta=25℃, Full load(Ground, Benign, controlled environment).
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. The ripple and noise of output voltage 48V is measured with a 2.2μF/100V X7R MLCC;
The ripple and noise of other output voltage is measured with a 4.7μF/50V X7R MLCC.
6. The remote ON/OFF control pin voltage is referenced to –Vin. The positive logic and pin length are optional.
To order positive logic ON-OFF control add the suffix -P (Ex: HAE75-48S05W-P).
7. Output voltage is adjustable for 10% trim up or -20% trim down of nominal output voltage
by connecting a single resistor between TRIM and +SENSE pins for trim up or between
TRIM and –SENSE pins for trim down. To calculate the value of the resistor RU and RD
for a particular output voltage uses the following equation:
8. Maximum output deviation is +10% inclusive of remote sense. If remote sense is not being used, the +SENSE should be connected to its
corresponding +OUTPUT and likewise the -SENSE should be connected to its corresponding –OUTPUT.
9. Internal fusing is not included, so we suggest to use an input line fuse.
10. Test condition with vertical direction by natural convection (20LFM).
11. Heat sink is optional and P/N: 7G-0021A-F , 7G-0022A-F , 7G-0023A-F , 7G-0024A-F.
12. The HAE75W series meets EMC characteristics only with external components connected before the input pin to the converter. If customer only
need to meet EN61000-4-4 and EN61000-4-5, an external input filter capacitor is required
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF /100V, ESR 48mΩ.
13. CASE GROUNDING:When you connect the case pin and the four screw bolts to shield plane, the EMI could be better reduced.
14. An external input capacitor is recommended for 24Vin model. Power Mate suggest: 4.7μF/50V X7R MLCC or Nippon chemi-con KY series,
68μF /100V, ESR 110mΩ or better capacitor. For terminal block version, the capacitor has included in as standard, it isn’t required external
capacitor.
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage Min. load Full load
Line
Regulation
Load
Regulation
Output
(4) (5)
Ripple & Noise No Load
(3)
Full Load
(2)
Eff
(4)
(%)
HAE75-24S3P3W 9 – 36 VDC
3.3 VDC
0mA
20 A
7mV
10mV
75mVp-p
100mA
3.216 A
87
HAE75-24S05W
9 – 36 VDC
5 VDC
0mA
15 A
10mV
15mV
75mVp-p
185mA
3.613 A
88
HAE75-24S12W
9 – 36 VDC
12 VDC
0mA
6.3 A
24mV
30mV
100mVp-p
185mA
3.642 A
88
HAE75-24S15W
9 – 36 VDC
15 VDC
0mA
5 A
30mV
38mV
100mVp-p
185mA
3.613 A
88
HAE75-24S24W
9 – 36 VDC
24 VDC
0mA
3.2 A
48mV
48mV
200mVp-p
85mA
3.743 A
87
HAE75-24S28W
9 – 36 VDC
28 VDC
0mA
2.7 A
56mV
56mV
200mVp-p
85mA
3.684 A
87
HAE75-24S48W
9 – 36 VDC
48 VDC
0mA
1.6 A
96mV
72mV
300mVp-p
85mA
3.743 A
87
HAE75-48S3P3W 18 – 75 VDC 3.3 VDC
0mA
20 A
7mV
10mV
75mVp-p
80mA
1.590 A
88
HAE75-48S05W
18 – 75 VDC
5 VDC
0mA
15 A
10mV
15mV
75mVp-p
90mA
1.766 A
90
HAE75-48S12W
18 – 75 VDC
12 VDC
0mA
6.3 A
24mV
30mV
100mVp-p
90mA
1.780 A
90
HAE75-48S15W
18 – 75 VDC
15 VDC
0mA
5 A
30mV
38mV
100mVp-p
90mA
1.786 A
89
HAE75-48S24W
18 – 75 VDC
24 VDC
0mA
3.2 A
48mV
48mV
200mVp-p
50mA
1.850 A
88
HAE75-48S28W
18 – 75 VDC
28 VDC
0mA
2.7 A
56mV
56mV
200mVp-p
50mA
1.821 A
88
HAE75-48S48W
18 – 75 VDC
48 VDC
0mA
1.6 A
96mV
72mV
300mVp-p
50mA
1.871 A
87
HAE75-48S05W Derating Curve
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (℃)
Natural convection (20LFM)
100LFM
200LFM
300LFM
400LFM
500LFM
HAE75-48S05W Derating Curve
With 0.24" Height Heat-sink (Note 11 )
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (℃)
Natural convection (20LFM)
100LFM
200LFM
300LFM
400LFM
500LFM
HAE75-48S05W Derating Curve
With 0.45" Height Heat-sink (Note 11 )
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (℃)
Natural convection (20LFM)
100LFM
200LFM
300LFM
400LFM
500LFM
HAE75-48S05W
Efficiency VS Input Voltage
80
82
84
86
88
90
92
18
24
30
36
42
48
54
60
66
72
INPUT VOLTAGE (V)
HAE75-48S05W
Efficiency VS Output Load
50
55
60
65
70
75
80
85
90
95
100
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Ω
Δ
=
K
RD
2
%
100
() ()
Ω
⎟⎟
⎜⎜
Δ
Δ
+
Δ
Δ
+
=
K
V
R
OUT
U
%
%
2
100
%
225
.
1
%
100


Similar Part No. - HAE75-24S28W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE75-24S28W P-DUKE-HAE75-24S28W Datasheet
688Kb / 4P
   HALF-BRICK DC-DC CONVERTER
More results

Similar Description - HAE75-24S28W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
   Output Current up to 1.2A
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
   Output Current up to 8A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Lineage Power Corporati...
APTS020A0X3-SRZ LINEAGEPOWER-APTS020A0X3-SRZ Datasheet
739Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
NSR020A0X43Z LINEAGEPOWER-NSR020A0X43Z Datasheet
518Kb / 19P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 20A output current
APTH020A0X3-SRZ LINEAGEPOWER-APTH020A0X3-SRZ Datasheet
556Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
ATM020A0X3-SR LINEAGEPOWER-ATM020A0X3-SR Datasheet
766Kb / 21P
   2.4 - 3.63Vdc input; 0.75Vdc to 2.0Vdc Output; 20A output current
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com