Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

142SC100A-PCB Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # 142SC100A-PCB
Description  Signal conditioned precision pressure transducers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

142SC100A-PCB Datasheet(HTML) 4 Page - Sensortechnics GmbH

  142SC100A-PCB Datasheet HTML 1Page - Sensortechnics GmbH 142SC100A-PCB Datasheet HTML 2Page - Sensortechnics GmbH 142SC100A-PCB Datasheet HTML 3Page - Sensortechnics GmbH 142SC100A-PCB Datasheet HTML 4Page - Sensortechnics GmbH 142SC100A-PCB Datasheet HTML 5Page - Sensortechnics GmbH 142SC100A-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
140SC...-PCB / 420SC...-PCB Series
Signal conditioned precision pressure transducers
4/6
March 2006 / 002
www.sensortechnics.com
1 - 6 V output versions
Pressure/vacuum devices
14
3SC...-PCB
4 - 20 mA output versions
Differential devices
420SC...-PCB
OUTPUT CHARACTERISTICS
1 - 6 V output versions
Vacuum gage devices
14
1SC...-PCB
1 - 6 V output versions
Differential devices
14
2SC...-PCB
% full scale pressure (vacuum)
-40
-100
-80
-60
3
1
2
4
6
5
Vout
V
-20
0
40
0
3
1
2
20
% full scale pressure
80
60
100
4
6
Vout
5
V
3
% full scale pressure
50
-50
-100
2
1
0
0
100
3.5V
Vout
5
V
4
6
% full scale pressure
40
0
4
8
20
80
60
100
Iout
16
mA
12
20


Similar Part No. - 142SC100A-PCB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
142S00103XXXX VISHAY-142S00103XXXX Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
142S0010KBO10 VISHAY-142S0010KBO10 Datasheet
210Kb / 3P
   1/2 (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision Potentiometer
Revision: 28-Jun-07
142S00222XXXX VISHAY-142S00222XXXX Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
142S00470XXXX VISHAY-142S00470XXXX Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
142S00XXXX VISHAY-142S00XXXX Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
More results

Similar Description - 142SC100A-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
BSDX0811BARO SENSORTECHNICS-BSDX0811BARO Datasheet
90Kb / 5P
   Signal conditioned high precision pressure transducers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com