Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26PC0070G5GN Datasheet(PDF) 8 Page - Sensortechnics GmbH

Part # 26PC0070G5GN
Description  Pressure sensors with special fittings and sealings
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

26PC0070G5GN Datasheet(HTML) 8 Page - Sensortechnics GmbH

Back Button 26PC0070G5GN Datasheet HTML 4Page - Sensortechnics GmbH 26PC0070G5GN Datasheet HTML 5Page - Sensortechnics GmbH 26PC0070G5GN Datasheet HTML 6Page - Sensortechnics GmbH 26PC0070G5GN Datasheet HTML 7Page - Sensortechnics GmbH 26PC0070G5GN Datasheet HTML 8Page - Sensortechnics GmbH 26PC0070G5GN Datasheet HTML 9Page - Sensortechnics GmbH 26PC0070G5GN Datasheet HTML 10Page - Sensortechnics GmbH 26PC0070G5GN Datasheet HTML 11Page - Sensortechnics GmbH 26PC0070G5GN Datasheet HTML 12Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
24PC/26PC Specials
Pressure sensors with special fittings and sealings
8/12
May 2008 / 593
www.sensortechnics.com
OUTLINE DRAWINGS
FOR GAGE DEVICES
2xPCxxxxG
6Kx
(Inverse 90° port, pinning 1 x 4)
mass: 2 g
dimensions in mm
4x0,41
12,7
8,0
7,9
P1
3,6
P2
2,29
4x0,5
Notch
Pin 1
12,7
2xPCxxxxG
2Kx
(Inverse 90° port, pinning 2 x 2)
mass: 2 g
dimensions in mm
4x0,41
8,4
4 x
1,02
2,54
4x0,5
5,08
Notch
Pin 1
P1
1
2
3
4
12,7
P2
8,0
3,6
12,7
P2


Similar Part No. - 26PC0070G5GN

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
26PC0070G2 SENSORTECHNICS-26PC0070G2 Datasheet
60Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC0070G2A10 SENSORTECHNICS-26PC0070G2A10 Datasheet
60Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC0070G6 SENSORTECHNICS-26PC0070G6 Datasheet
60Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC0070G6A10 SENSORTECHNICS-26PC0070G6A10 Datasheet
60Kb / 4P
   Temp. compensated and calibrated pressure sensors
More results

Similar Description - 26PC0070G5GN

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
logo
Schneider Electric
VRKP4YYYYY00014 SCHNEIDER-VRKP4YYYYY00014 Datasheet
103Kb / 2P
   gearbox rotation axis with fasteners and sealings
Apr 20, 2022
logo
Endress+Hauser Group Se...
TI01133P EH-TI01133P Datasheet
1Mb / 48P
   Pressure transducer with ceramic and metal sensors
2021-03-31
logo
Sensortechnics GmbH
RBIP015AU SENSORTECHNICS-RBIP015AU Datasheet
125Kb / 9P
   Pressure sensors with analog and digital output
logo
Schneider Electric
VRKP4YYYYY00019 SCHNEIDER-VRKP4YYYYY00019 Datasheet
89Kb / 1P
   Closing 4th-axis lid with fasteners and sealings
Apr 20, 2022
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
   Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com