Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEC50-48S2P5 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # HEC50-48S2P5
Description  50 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

HEC50-48S2P5 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  HEC50-48S2P5 Datasheet HTML 1Page - Power Mate Technology Co., LTD HEC50-48S2P5 Datasheet HTML 2Page - Power Mate Technology Co., LTD HEC50-48S2P5 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/05/21
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Line
regulation
Load
regulation
No load(3) Full load(2)
Eff
(4)
(%)
HEC50-24S1P8
18 – 36 VDC
1.8 VDC
0mA
15 A
4 mV
6 mV
120mA
1.36 A
86
HEC50-24S2P5
18 – 36 VDC
2.5 VDC
0mA
15 A
5 mV
8 mV
100mA
1.86 A
87
HEC50-24S3P3
18 – 36 VDC
3.3 VDC
0mA
15 A
7 mV
10 mV
120mA
2.40 A
89
HEC50-24S05
18 – 36 VDC
5 VDC
0mA
10 A
10 mV
15 mV
120mA
2.40 A
90
HEC50-24S15
18 – 36 VDC
15 VDC
0mA
3.3 A
30 mV
45 mV
190mA
2.40 A
89
HEC50-48S1P8
36 – 75 VDC
1.8 VDC
0mA
15 A
4 mV
6 mV
80mA
0.67 A
87
HEC50-48S2P5
36 – 75 VDC
2.5 VDC
0mA
15 A
5 mV
8 mV
80mA
0.93 A
88
HEC50-48S3P3
36 – 75 VDC
3.3 VDC
0mA
15 A
7 mV
10 mV
110mA
1.19 A
90
HEC50-48S05
36 – 75 VDC
5 VDC
0mA
10 A
10 mV
15 mV
90mA
1.19 A
91
HEC50-48S15
36 – 75 VDC
15 VDC
0mA
3.3 A
30 mV
45 mV
130mA
1.20 A
90
PRODUCT OPTIONS TABLE
Option
Suffix
Negative remote ON/OFF logic, 0.20” pin length (standard)
-
Negative remote ON/OFF logic, 0.145” pin length
-L
Negative remote ON/OFF logic, 0.11” pin length
-K
Positive remote ON/OFF logic, 0.20” pin length
-P
Positive remote ON/OFF logic, 0.145” pin length
-S
Positive remote ON/OFF logic, 0.11” pin length
-M
Note
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Maximum output deviation is 10% inclusive of remote sense. If remote sense is not being used, the + sense should be connected to its corresponding
+OUTPUT and likewise the –sense should be connected to its corresponding –OUTPUT.
6. Measured with a 1μF M/C and a 10μF T/C.
7. The negative/ positive logic and pin length are optional ( see table ). The pin voltage is referenced to –Vin.
8. Heat sink is optional and P/N: 7G-0021A-F, 7G-0022A-F, 7G-0023A-F, 7G-0024A-F.
9. The HEC50 meets EN55022 class A and class B only with external components connected with the input pins.
10. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ.
11. BASEPLATE GROUNDING:Base-plate should be grounded at one of the four screw bolts prior to operation.
12. The converter is provided by basic insulation.
Pin 1,2,3,4,6,7,8. DIA. 0.040 (1.02mm)
Pin 5,9. DIA. 0.080 (2.03mm)
All dimensions in inches (mm)
Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
Pin pitch tolerance ±0.01 (0.25)
Pin dimension tolerance ±0.004(0.1)
Output can be externally trimmed by
using the method shown below.
7
8
TRIM UP
RU
6
7
TRIM DOWN
RD
EXTERNAL OUTPUT
PIN
Define
1
- INPUT
2
CASE
3
CTRL
4
+ INPUT
5
- OUTPUT
6
- SENSE
Diameter
0.04 Inches
0.04 Inches
0.04 Inches
0.04 Inches
0.08 Inches
0.04 Inches
7
TRIM
0.04 Inches
8
+ SENSE
0.04 Inches
9
+ OUTPUT
0.08 Inches
PIN CONNECTION
Example:HEC50-48S3P3-P


Similar Part No. - HEC50-48S2P5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HEC50-48S2P5 ETC-HEC50-48S2P5 Datasheet
122Kb / 2P
    SINGLE OUTPUT UP TO 15A
logo
Power Mate Technology C...
HEC50-48S2P5 P-DUKE-HEC50-48S2P5 Datasheet
431Kb / 3P
   50 WATTS DC-DC CONVERTER
More results

Similar Description - HEC50-48S2P5

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QEB50-24S3P3 P-DUKE-QEB50-24S3P3 Datasheet
313Kb / 4P
   50 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com