Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

420SC100D-PCB Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # 420SC100D-PCB
Description  Signal conditioned precision pressure transducers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

420SC100D-PCB Datasheet(HTML) 1 Page - Sensortechnics GmbH

  420SC100D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 420SC100D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 420SC100D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 420SC100D-PCB Datasheet HTML 4Page - Sensortechnics GmbH 420SC100D-PCB Datasheet HTML 5Page - Sensortechnics GmbH 420SC100D-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
140SC...-PCB / 420SC...-PCB Series
Signal conditioned precision pressure transducers
1/6
March 2006 / 002
www.sensortechnics.com
FEATURES
· 1 to 150 psi
absolute, gage or differential pressure
(custom calibrations available)
· 1...6 V or 4...20 mA output
· Internal supply regulation
· Precision temperature compensated
and calibrated
· Special calibrations for small
volumes on request
ELECTRICAL CONNECTION
7...24 V
12...36 V
20 mA
10 mA
-55 to 100°C
-40 to 85°C
0 to 70°C
300°C
0 - 100 %RH
20 psi
30 psi
60 psi
150 psi
200 psi
SPECIFICATIONS
Maximum ratings
Supply voltage
140SC...-PCB
420SC...-PCB1
Maximum load current
140SC...-PCB only
Source
Sink
Temperature limits
Storage
Operating
Compensated
Lead temperature
(10 sec. soldering)
Humidity limits
Pressure inlets only
Proof pressure2
All 1 psi, 3 psi, 5 psi devices
All 15 psi devices
All 30 psi devices
All 100 psi devices
All 150 psi devices
SERVICE
Non-corrosive, non-ionic working fluids,
such as dry air and dry gases
1...6 V output version
4...20 mA output version
Scale:
1 cm
1 inch
+Vs
Vout
-Vs
140SC...-
PCB
V
7 V to 24 V
-Vs
+Vs
L
V
R
12 V to 36 V
GND
420SC...-
PCB


Similar Part No. - 420SC100D-PCB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
420SA001M08 GLENAIR-420SA001M08 Datasheet
168Kb / 2P
   Sealtite/Liquidtite Conduit Backshell
420SA001M10 GLENAIR-420SA001M10 Datasheet
168Kb / 2P
   Sealtite/Liquidtite Conduit Backshell
420SA001M12 GLENAIR-420SA001M12 Datasheet
168Kb / 2P
   Sealtite/Liquidtite Conduit Backshell
420SA001M14 GLENAIR-420SA001M14 Datasheet
168Kb / 2P
   Sealtite/Liquidtite Conduit Backshell
420SA001M16 GLENAIR-420SA001M16 Datasheet
168Kb / 2P
   Sealtite/Liquidtite Conduit Backshell
More results

Similar Description - 420SC100D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
BSDX0811BARO SENSORTECHNICS-BSDX0811BARO Datasheet
90Kb / 5P
   Signal conditioned high precision pressure transducers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com