Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWM43600V Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # AWM43600V
Description  Mass flow sensor for gases
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AWM43600V Datasheet(HTML) 3 Page - Sensortechnics GmbH

  AWM43600V Datasheet HTML 1Page - Sensortechnics GmbH AWM43600V Datasheet HTML 2Page - Sensortechnics GmbH AWM43600V Datasheet HTML 3Page - Sensortechnics GmbH AWM43600V Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
November 2004 / 625
www.sensortechnics.com
AWM43000 Series
Mass flow sensor for gases
OUTPUT FLOW VS
INTERCHANGEABILITY
V
S = 10 ±0.01 V, TA = 25°C
OUTPUT CURVES
e
p
y
t
s
a
G
)
.
x
o
r
p
p
a
(
r
o
t
c
a
f
n
o
i
t
c
e
r
r
o
C
)
e
H
(
m
u
il
e
H
H
(
n
e
g
o
r
d
y
H
2)
)
r
A
(
n
o
g
r
A
N
(
n
e
g
o
r
t
i
N
2)
O
(
n
e
g
y
x
O
2)
r
i
A
)
O
N
(
e
d
i
x
o
c
i
r
t
i
N
)
O
C
(
e
d
i
x
o
n
o
m
n
o
b
r
a
C
H
C
(
e
n
a
h
t
e
M
4)
H
N
(
a
i
n
o
m
m
A
3)
N
(
e
d
i
x
o
s
u
o
r
t
i
N
2
)
O
O
N
(
e
d
i
x
o
i
d
n
e
g
o
r
t
i
N
2)
O
C
(
e
d
i
x
o
i
d
n
o
b
r
a
C
2)
5
.
0 8
7
.
0
9
,
8
5
9
.
0
0
.
1
0
.
1
0
.
1
0
.
1
0
.
1
1
.
1
1
.
1
5
3
.
1
5
3
.
1
5
3
.
1
GAS CORRECTION FACTORS7
Notes:
7 Gas correction factors are referenced to nitrogen (N
2) as calibration gas type. Approximate gas correction factors are provided
as guidelines only. Individual gas types may perform differently at temperature extremes and varying flow rates.
8 When sensing Hydrogen (H
2) or Helium (He) it may be necessary to power the mass flow sensor using increased supply voltage:
Hydrogen typ. 12 V, Helium typ. 15 V
9 Hydrogen (H
2) flow measurement requires the use of a special sensor. These devices provide normal operation when sensing
hydrogen flow and are designated with an "H" at the end of the order number.


Similar Part No. - AWM43600V

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AWM42150VH SENSORTECHNICS-AWM42150VH Datasheet
198Kb / 6P
   Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
   Mass flow sensor for gases
More results

Similar Description - AWM43600V

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
   Mass flow sensor for gases
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
   Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
   Mass flow sensor for gases
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
   Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
   Mass flow sensor for gases
FHAL200DU SENSORTECHNICS-FHAL200DU Datasheet
88Kb / 4P
   Mass flow sensors for gases
FBOM030DB SENSORTECHNICS-FBOM030DB Datasheet
178Kb / 6P
   Mass flow sensors for gases
FBAM030DU SENSORTECHNICS-FBAM030DU Datasheet
101Kb / 5P
   Mass flow sensors for gases
FDUM200DB SENSORTECHNICS-FDUM200DB Datasheet
163Kb / 6P
   Mass flow sensors for gases
FMOL001DB SENSORTECHNICS-FMOL001DB Datasheet
127Kb / 6P
   Mass flow sensors for gases
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com