Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDX100D44R-A Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # ASDX100D44R-A
Description  Signal conditioned high precision pressure transducers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

ASDX100D44R-A Datasheet(HTML) 1 Page - Sensortechnics GmbH

  ASDX100D44R-A Datasheet HTML 1Page - Sensortechnics GmbH ASDX100D44R-A Datasheet HTML 2Page - Sensortechnics GmbH ASDX100D44R-A Datasheet HTML 3Page - Sensortechnics GmbH ASDX100D44R-A Datasheet HTML 4Page - Sensortechnics GmbH ASDX100D44R-A Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ASDX Series A-grade
Signal conditioned high precision pressure transducers
1/5
February 2009 / 609
www.sensortechnics.com
ELECTRICAL CONNECTION
FEATURES
· 0...1 to 0...100 psi,
0...±1 to 0...±15 psi
· Absolute, gage or differential pressure
· 0.5 to 4.5 V ratiometric output
· Precision ASIC conditioning
· Temperature compensated
· Total accuracy ±0.5 to ±1.0 %FSS
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
4.75 V to 5.25 V
DC
max. 6.50 V
DC
Output current
Sink
2 mA
Source
2 mA
Lead temperature (2 - 4 sec.)
250°C
Temperature ranges
Compensated
0 to +85 °C
Operating
-20 to +105 °C
Storage
-40 to +125 °C
Vibration
10 g at 20 - 2000 Hz
Shock
100 g for 11 ms
Caution! The sensor is not reverse polarity protected.
Incorrect applications of excitation
voltage or ground to the wrong pin can
cause electrical failure.
Application of supply voltage above the
maximum can cause electrical failure.
ASDX
A-grade
15 nF
220 nF
5
6
7
8
4
2
+Vs
Vout
GND
3
1
N/C
N/C
Note:
Capacitor 220 nF required
between +Vs and GND and
15 nF between Vout and GND.
It is important to place the
capacitors as close to the pins
as possible!
Pins 4, 5, 6, 7 and 8 are internal
device connections and should
not be connected for any reason!


Similar Part No. - ASDX100D44R-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASDX100D44R ETC-ASDX100D44R Datasheet
104Kb / 4P
   0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
logo
Sensortechnics GmbH
ASDX100D44R SENSORTECHNICS-ASDX100D44R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
More results

Similar Description - ASDX100D44R-A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
BSDX0811BARO SENSORTECHNICS-BSDX0811BARO Datasheet
90Kb / 5P
   Signal conditioned high precision pressure transducers
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com