Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWM3201CR Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # AWM3201CR
Description  Mass flow sensor for gases
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AWM3201CR Datasheet(HTML) 3 Page - Sensortechnics GmbH

  AWM3201CR Datasheet HTML 1Page - Sensortechnics GmbH AWM3201CR Datasheet HTML 2Page - Sensortechnics GmbH AWM3201CR Datasheet HTML 3Page - Sensortechnics GmbH AWM3201CR Datasheet HTML 4Page - Sensortechnics GmbH AWM3201CR Datasheet HTML 5Page - Sensortechnics GmbH AWM3201CR Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
June 2006 / 582
www.sensortechnics.com
AWM3000 Series
Mass flow sensor for gases
Notes:
3 A 5 micron filter is recommended for all devices.
4 Maximum allowable rate of flow change to prevent damage.
5 Temperature shifts in differential pressure devices are mostly due to the density change of the gas over temperature.
6 Shift is relative to 25 °C.
7 Initial warm-up time for signal conditioned circuitry is 1 minute max.
8 Output load connected from Vout to GND (current sinking).
9 Gas correction factors are referenced to nitrogen (N
2) as calibration gas type. Approximate gas correction factors are provided
as guidelines only. Individual gas types may perform differently at temperature extremes and varying flow rates.
10 When sensing Hydrogen (H
2) or Helium (He) it may be necessary to power the mass flow sensor using increased supply voltage:
Hydrogen typ. 12 V, Helium typ. 15 V
11 Hydrogen (H
2) flow measurement requires the use of a special sensor. These devices provide normal operation when sensing
hydrogen flow and are designated with an "H" at the end of the order number.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
o
r
e
ZR
C
0
0
2
3
M
W
A7
.
30
.
43
.
4
A
m
R
C
1
0
2
3
M
W
A6
.
30
.
44
.
4
)
d
e
n
i
b
m
o
c
(
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
il
i
b
a
t
a
e
p
e
R
5
.
0
±
g
n
i
d
a
e
r
%
y
t
i
r
a
e
n
il
-
n
o
N
5
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
5
t
e
s
f
f
OC
°
5
8
o
t
5
2
-
6
0
.
2
±A
m
n
a
p
SC
°
5
2
o
t
5
2
-R
C
0
0
2
3
M
W
A4
2 5
g
n
i
d
a
e
r
%
R
C
1
0
2
3
M
W
A2
3 5
C
°
5
8
o
t
5
2
R
C
0
0
2
3
M
W
A1
3
-
5
R
C
1
0
2
3
M
W
A2
3
-
5
e
m
i
t
e
s
n
o
p
s
e
R
7
0
6s
m
d
a
o
l
t
u
p
t
u
o
l
a
n
r
e
t
x
E
8
0
0
3
o
t
0
0
1m
h
O
PERFORMANCE CHARACTERISTICS
CURRENT OUTPUT VERSIONS (V
S = 10 ±0.01 V, TA = 25°C)
e
p
y
t
s
a
G
)
.
x
o
r
p
p
a
(
r
o
t
c
a
f
n
o
i
t
c
e
r
r
o
C
)
e
H
(
m
u
il
e
H
H
(
n
e
g
o
r
d
y
H
2)
)
r
A
(
n
o
g
r
A
N
(
n
e
g
o
r
t
i
N
2)
O
(
n
e
g
y
x
O
2)
r
i
A
)
O
N
(
e
d
i
x
o
c
i
r
t
i
N
)
O
C
(
e
d
i
x
o
n
o
m
n
o
b
r
a
C
H
C
(
e
n
a
h
t
e
M
4)
H
N
(
a
i
n
o
m
m
A
3)
N
(
e
d
i
x
o
s
u
o
r
t
i
N
2
)
O
O
N
(
e
d
i
x
o
i
d
n
e
g
o
r
t
i
N
2)
O
C
(
e
d
i
x
o
i
d
n
o
b
r
a
C
2)
5
.
0
0
1
7
.
0
1
1
,
0
1
5
9
.
0
0
.
1
0
.
1
0
.
1
0
.
1
0
.
1
1
.
1
1
.
1
5
3
.
1
5
3
.
1
5
3
.
1
GAS CORRECTION FACTORS9


Similar Part No. - AWM3201CR

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
AWM-12P ASS-AWM-12P Datasheet
256Kb / 1P
   KIT, ATM SERIES, 12 POSITION, RECEPTACLE, CONTACTS, AND WEDGELOCK
Rev. A
AWM-2P ASS-AWM-2P Datasheet
40Kb / 1P
   P-WEDGELOCK, 2 POSITION, ATM SERIES
Rev. A3
AWM-2P ASS-AWM-2P Datasheet
107Kb / 1P
   KIT, ATM SERIES, 2 POSITION RECEPTACLE, CONTACTS, AND WEDGELOCK
Rev. A
AWM-2P ASS-AWM-2P Datasheet
203Kb / 1P
   KIT, ATM SERIES, 2 POSITION PLUG, RECEPTACLE, CONTACTS, AND WEDGELOCKS
Rev. A
AWM-2S ASS-AWM-2S Datasheet
55Kb / 1P
   S-WEDGELOCK, 2 POSITION, ATM SERIES
Rev. A3
More results

Similar Description - AWM3201CR

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
   Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
   Mass flow sensor for gases
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
   Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
   Mass flow sensor for gases
AWM43300V SENSORTECHNICS-AWM43300V Datasheet
109Kb / 4P
   Mass flow sensor for gases
FHAL200DU SENSORTECHNICS-FHAL200DU Datasheet
88Kb / 4P
   Mass flow sensors for gases
FBOM030DB SENSORTECHNICS-FBOM030DB Datasheet
178Kb / 6P
   Mass flow sensors for gases
FBAM030DU SENSORTECHNICS-FBAM030DU Datasheet
101Kb / 5P
   Mass flow sensors for gases
FDUM200DB SENSORTECHNICS-FDUM200DB Datasheet
163Kb / 6P
   Mass flow sensors for gases
FMOL001DB SENSORTECHNICS-FMOL001DB Datasheet
127Kb / 6P
   Mass flow sensors for gases
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com