Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED15-24S05 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # LED15-24S05
Description  15 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LED15-24S05 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  LED15-24S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD LED15-24S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD LED15-24S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3 Issued Date:2008/05/21
LED15-48S05
Efficiency VS Input voltage
80
82
84
86
88
90
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE(V)
LED15-48S05
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Recommended Filter for EN55022 Class B Compliance
The components used in the above figure, together with the
manufacturers’ part numbers for these components, are as
follows:
C1 & C2
C3
C4 & C5
L1
L2
LED15-
24xxx
6.8μF/50V
1812 MLCC
6.8μF/50V
1812 MLCC
470pF/3KV
1808 MLCC
145μH
Common
Choke
PMT-051
10μH
SMD
Inductor
PMT-047
LED15-
48xxx
2.2μF/100V
1812 MLCC
2.2μF/100V
1812 MLCC
470pF/3KV
1808 MLCC
145μH
Common
Choke
PMT-051
18μH
SMD
Inductor
PMT-046
Recommended EN55022 Class B Filter Circuit Layout
LED15-48S05 DERATING CURVE
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
76


Similar Part No. - LED15-24S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LED15-24S05 P-DUKE-LED15-24S05 Datasheet
580Kb / 3P
   DC-DC CONVERTER
LED15-24S05W P-DUKE-LED15-24S05W Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPU POWER
LED15-24S05W P-DUKE-LED15-24S05W Datasheet
577Kb / 3P
   DC-DC CONVERTER
logo
Astrodyne Corporation
LED15-24S05W ASTRODYNE-LED15-24S05W Datasheet
595Kb / 4P
   Isolated and Regulated 15 Watt Open Frame DC/DC Converters
More results

Similar Description - LED15-24S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LCD15-12S3P3 P-DUKE-LCD15-12S3P3 Datasheet
329Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JF24S3.3-3500 WALL-JF24S3.3-3500_16 Datasheet
441Kb / 6P
   15 Watts Maximum Output Power
logo
Power Mate Technology C...
LCD15-24S3P3W P-DUKE-LCD15-24S3P3W Datasheet
327Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3W P-DUKE-LED15-24S3P3W Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPU POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
FEC15-12S33 P-DUKE-FEC15-12S33 Datasheet
281Kb / 3P
   15 WATTS OUTPUT POWER
FEC15-24S3P3W P-DUKE-FEC15-24S3P3W Datasheet
254Kb / 3P
   15 WATTS OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com