Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

423SC03D-PCB Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # 423SC03D-PCB
Description  Signal conditioned precision pressure transducers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

423SC03D-PCB Datasheet(HTML) 3 Page - Sensortechnics GmbH

  423SC03D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 423SC03D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 423SC03D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 423SC03D-PCB Datasheet HTML 4Page - Sensortechnics GmbH 423SC03D-PCB Datasheet HTML 5Page - Sensortechnics GmbH 423SC03D-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
140SC...-PCB / 420SC...-PCB Series
Signal conditioned precision pressure transducers
3/6
March 2006 / 002
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS
4 - 20 mA output version (unless otherwise noted V
S = 15 V, RL = 100 Ω, tamb = 25°C)
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
The minimum supply voltage is directly proportional to the load resistance seen by the transmitter. For more details see the
load limitation diagram.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
The output signal of all 141SC...-PCB devices is proportional to the vacuum applied to port B, relative to port A, e. g. the output
signal increases when pressure is applied to port A relative to port B.
The output signal of all 142SC...D-PCB and 143SC...D-PCB devices is proportional to the pressure applied to port B, relative to
port A, e.g. the output signal increases when vacuum is applied to port A relative to port B.
The output signal of all 142SC...A-PCB is proportional to the pressure applied to port A.
Full scale span is the algebraic difference between the positive full scale output and the zero pressure offset.
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full scale pressure and 1/2 full scale pressure.
Thermal effects tested and guaranteed from 0 - 70°C relative to 25°C. All specifications shown are relative to 25°C.
Change in output after one year or 1 million pressure cycles.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O
)
g
(
d
i
s
p
s
e
c
i
v
e
d
l
a
i
t
n
e
r
e
f
f
i
d
4
B
C
P
-
D
1
0
C
S
0
2
4
B
C
P
-
D
5
0
C
S
0
2
4
B
C
P
-
D
5
1
C
S
0
2
4
B
C
P
-
D
0
3
C
S
0
2
4
B
C
P
-
D
0
0
1
C
S
0
2
4
B
C
P
-
D
0
5
1
C
S
0
2
4
0
0
0
0
0
0
1
5
5
1
0
3
0
0
1
0
5
1
s
e
c
i
v
e
d
e
t
u
l
o
s
b
a
5
B
C
P
-
A
5
1
C
S
0
2
4
B
C
P
-
A
0
3
C
S
0
2
4
B
C
P
-
A
0
0
1
C
S
0
2
4
0
0
0
5
1
0
3
0
0
1
a
i
s
p
s
e
c
i
v
e
d
m
u
u
c
a
v
/
e
r
u
s
s
e
r
p
4
B
C
P
-
D
1
0
C
S
3
2
4
B
C
P
-
D
3
0
C
S
3
2
4
B
C
P
-
D
5
0
C
S
3
2
4
B
C
P
-
D
5
1
C
S
3
2
4
1
-
5
.
2
-
5
-
5
1
-
1
5
.
2
5
5
1
d
i
s
p
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
ZB
C
P
-
.
.
.
C
S
0
2
4
B
C
P
-
.
.
.
C
S
3
2
4
9
.
3
9
.
1
1
0
.
4
0
.
2
1
1
.
4
1
.
2
1
A
m
n
a
p
s
e
l
a
c
s
ll
u
F
6
B
C
P
-
.
.
.
C
S
0
2
4
B
C
P
-
.
.
.
C
S
3
2
4
8
.
5
1
9
.
7
0
.
6
1
0
.
8
2
.
6
1
1
.
8
t
u
p
t
u
o
e
l
a
c
s
ll
u
F
0
.
0
2
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
t
s
e
w
o
l
t
a
t
u
p
t
u
OB
C
P
-
.
.
.
C
S
3
2
40
.
4
)
L
S
B
(
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
N
7
1
.
0
±5
.
0
±
O
S
F
%
s
t
c
e
f
f
e
l
a
m
r
e
h
T
8
n
a
p
s
d
n
a
t
e
s
f
f
o
d
e
n
i
b
m
o
C
)
C
°
0
7
o
t
0
(
)
C
°
0
0
1
o
t
0
7
,
C
°
0
o
t
0
4
-
(
s
e
c
i
v
e
d
i
s
p
1
ll
a
s
r
e
h
t
o
ll
a
5
.
1
±
5
.
0
±
0
.
2
±
0
.
3
±
5
.
1
±
y
t
il
i
b
a
t
a
e
p
e
R
1
.
0
±
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
9
1
.
0
±
e
s
i
o
n
t
u
p
t
u
O
4
0
.
0
±
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
1
.
0s
m
e
t
a
r
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
f
f
O
n
a
p
S
5
0
.
0
3
0
.
0
V
/
O
S
F
%


Similar Part No. - 423SC03D-PCB

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
423 DBLECTRO-423 Datasheet
314Kb / 1P
   SMD pins for LED connector
logo
Bi technologies
423 BITECH-423 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
logo
List of Unclassifed Man...
423-017-520-102 ETC2-423-017-520-102 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
logo
EDAC, All Rights Reserv...
423-017-520-102 EDAC-423-017-520-102 Datasheet
105Kb / 1P
   423 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears with Guide Pins
423-017-520-102 EDAC-423-017-520-102 Datasheet
244Kb / 2P
   423 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears with Guide Pins
More results

Similar Description - 423SC03D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
BSDX0811BARO SENSORTECHNICS-BSDX0811BARO Datasheet
90Kb / 5P
   Signal conditioned high precision pressure transducers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com