Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCD-1000-804 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # BCD-1000-804
Description  Optical blood component detectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

BCD-1000-804 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  BCD-1000-804 Datasheet HTML 1Page - Sensortechnics GmbH BCD-1000-804 Datasheet HTML 2Page - Sensortechnics GmbH BCD-1000-804 Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BCD Series
Optical blood component detectors
November 2007 / 307
1/3
www.sensortechnics.com
SPECIFICATIONS
Maximum ratings
Supply voltage (V
S)5 VDC
(optional 6...24 V
DC)
Supply current
typ. 150 mA
Temperature limits
Storage
-20 ... 85 °C
Operating
5 ... 60 °C
Humidity limits
0 - 95 %RH
(non-condensing)
ELECTRICAL CONNECTION
Note: Set CAL input (Pin 3) momentary high
to begin calibration. CAL output (Pin 4)
will be high if calibration is complete.
FEATURES
· Non-invasive optical technology
· Micro-controller based integral
circuitry
· Immunity to ambient light
· High accuracy and reliability
· Detects blood per ANSI/AAMI
RD5:2003
Return
Sensor
1
Power in
CAL input
CAL output
Blood output
Tube detect output
Liquid detect output
NC
NC
NC
Red intensity analog output
Blue intensity analog output
NC
NC
2
3
4
5
6
7
8
9
10
11
12
13
14
Brown
Red
Orange
Yellow
Green
Blue
Violet
Gray
White


Similar Part No. - BCD-1000-804

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
BCD EDI-BCD Datasheet
47Kb / 2P
   100mA SILICON CARTRIDGE RECTIFIERS
logo
Gamewell-FCI by Honeywe...
BCD GAMEWELL-FCI-BCD Datasheet
74Kb / 2P
   Building control element device
logo
Electronic devices inc.
BCD08 EDI-BCD08 Datasheet
47Kb / 2P
   100mA SILICON CARTRIDGE RECTIFIERS
BCD10 EDI-BCD10 Datasheet
47Kb / 2P
   100mA SILICON CARTRIDGE RECTIFIERS
logo
DB Lectro Inc
BCD100 DBLECTRO-BCD100 Datasheet
310Kb / 2P
   Fully qualified with Bluetooth v2.0 EDR specification
More results

Similar Description - BCD-1000-804

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N7788B HP-N7788B Datasheet
234Kb / 6P
   Optical Component Analyzer
logo
TE Connectivity Ltd
ELM-4000 TEC-ELM-4000 Datasheet
103Kb / 3P
   SpO2 optical sensor component
logo
JL World Company Limite...
MPS-200G JLWORLD-MPS-200G Datasheet
2Mb / 7P
   Disposable Blood Pressure Sensor
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
STMicroelectronics
TDA0161 STMICROELECTRONICS-TDA0161 Datasheet
125Kb / 6P
   PROXIMITY DETECTORS
logo
Systemsensor advanced i...
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
   Smoke Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
logo
Systemsensor advanced i...
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
   SMOKE DETECTORS
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com