Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFKC03-12D15 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # PFKC03-12D15
Description  3 WATTS REGULATED OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PFKC03-12D15 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  PFKC03-12D15 Datasheet HTML 1Page - Power Mate Technology Co., LTD PFKC03-12D15 Datasheet HTML 2Page - Power Mate Technology Co., LTD PFKC03-12D15 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3 Issued Date:2008/05/21
OUTPUT SPECIFICATIONS
Output power
3 Watts, max.
Voltage accuracy
Full load and nominal Vin
±1%
Minimum load (Note 7)
See table
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
Single 3.3Vout
Min. Load to Full Load
Others
Dual
± 0.3%
± 0.2%
± 2%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±
0.02% / ºC, max.
Transient response recovery time 25% load step change
500μS
Over load protection
% of FL at nominal input
180%, typ.
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Standard
Suffix “ H ”
1600VDC, min.
3000VDC, min.
Isolation resistance
10
9
ohms, min.
Isolation capacitance
300pF, max.
Switching frequency
100KHz, min.
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Non-conductive black plastic
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
DIP
SMD
14g (0.48oz)
15g (0.52oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
3.690 x 10
6 hrs
3.082 x 10
6 hrs
INPUT SPECIFICATIONS
Input voltage range
5V nominal input
12V nominal input
24V nominal input
48V nominal input
4.5 – 6VDC
9 – 18VDC
18 – 36VDC
36 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
5V input
12V input
24V input
48V input
15VDC
36VDC
50VDC
100VDC
Input reflected ripple current
Nominal Vin and full load
120mAp-p
Start up time
Nominal Vin and
constant resistive load
Power up
30mS, typ.
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-25ºC ~ +71ºC(non derating)
Storage temperature range
-55ºC ~ +105ºC
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
±
8KV
±
6KV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (Note 6) EN61000-4-4
±
2KV
Perf. Criteria B
Surge (Note 6)
EN61000-4-5
±
1KV
Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
TECHNICAL SPEC I FI C A TI ON All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
3 WATTS REGULATED OUTPUT POWER
OUTPUT CURRENT UP TO 600mA
STANDARD 1.25 X 0.80 X 0.40 INCH
HIGH EFFICIENCY UP TO 80%
2:1 WIDE INPUT VOLTAGE RANGE
SWITCHING FREQUENCY (100KHz, MIN)
OVER CURRENT PROTECTION
STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
OPTIONS
SMD TYPE
DESCRIPTION
The PFKC03 series offer 3 watts of output power from a package in an IC
compatible 24 pin DIP configuration without derating to 71ºC ambient
temperature and pin to pin compatible to PFKC05, FKC03, FKC05 series.
PFKC03 series have 2:1 wide input voltage of 4.5-6, 9-18, 18-36 and
36-75VDC.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - PFKC03-12D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFKC03-12D15 ETC1-PFKC03-12D15 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC03-12D15 RSG-PFKC03-12D15 Datasheet
174Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PFKC03-12D15 P-DUKE-PFKC03-12D15 Datasheet
682Kb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PFKC03-12D15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com