Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTE2005G1A Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # BTE2005G1A
Description  Precision stainless steel pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

BTE2005G1A Datasheet(HTML) 4 Page - Sensortechnics GmbH

  BTE2005G1A Datasheet HTML 1Page - Sensortechnics GmbH BTE2005G1A Datasheet HTML 2Page - Sensortechnics GmbH BTE2005G1A Datasheet HTML 3Page - Sensortechnics GmbH BTE2005G1A Datasheet HTML 4Page - Sensortechnics GmbH BTE2005G1A Datasheet HTML 5Page - Sensortechnics GmbH BTE2005G1A Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BTE2000 / PTE2000 Series
Precision stainless steel pressure transmitters
4/6
December 2008 / 098
www.sensortechnics.com
LOAD LIMITATION
4...20 mA output version
operating
0
200
400
10
20
1000
600
800
Ohm
1200
30
Vsupply
V
range
dimensions in mm
RECOMMENDED ACCESSORY (included in delivery)
ZK000101:
Connector/cable assembly (different cable lenghts available)
Note:
For proper function of all gage
devices the vent tube must have
access to the ambient atmosphere.
N
O
I
T
C
E
N
N
O
C
N
I
P
n
i
Pd
n
e
d
a
e
l
g
n
i
y
l
F
1n
w
o
r
B
2n
e
e
r
G
3d
l
e
i
h
s
d
n
a
e
t
i
h
W
4w
o
ll
e
Y
Shield
Ø 20
M12x1
NOM 2 m
NOM 60
Vent tube
(other cable lenghts on request)


Similar Part No. - BTE2005G1A

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
BTE-020-01-F-D SAMTEC-BTE-020-01-F-D Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-F-D-A SAMTEC-BTE-020-01-F-D-A Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-F-D-A-K SAMTEC-BTE-020-01-F-D-A-K Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-L-D-A SAMTEC-BTE-020-01-L-D-A Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-L-D-A-K SAMTEC-BTE-020-01-L-D-A-K Datasheet
652Kb / 3P
   .8mm DOUBLE ROW TERMINAL ASSEMBLY
More results

Similar Description - BTE2005G1A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTEM6100G0CXS SENSORTECHNICS-BTEM6100G0CXS Datasheet
105Kb / 6P
   Submersible precision stainless steel transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com