Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTEL5002D4A Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # BTEL5002D4A
Description  Precision very low differential pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

BTEL5002D4A Datasheet(HTML) 1 Page - Sensortechnics GmbH

  BTEL5002D4A Datasheet HTML 1Page - Sensortechnics GmbH BTEL5002D4A Datasheet HTML 2Page - Sensortechnics GmbH BTEL5002D4A Datasheet HTML 3Page - Sensortechnics GmbH BTEL5002D4A Datasheet HTML 4Page - Sensortechnics GmbH BTEL5002D4A Datasheet HTML 5Page - Sensortechnics GmbH BTEL5002D4A Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BTEL5000 / PTUL5000 Series
Precision very low differential pressure transmitters
1/6
June 2008 / 094
www.sensortechnics.com
FEATURES
· 1 to 10 mbar, 1 to 10 "H
2O
differential pressure
· High level output,
1...6 V or 4...20 mA (2-wire connection)
· Precision temperature compensated
and calibrated
· Rugged aluminium housing
· Female 1/8" BSP and 1/8" NPT fittings
SPECIFICATIONS12
Maximum ratings
Supply voltage11
Output current
BTEL/PTUL5...D1...
Source
Sink
BTEL/PTUL5...D4...
Temperature limits
Storage
Operating
Compensated
Proof pressure2
BTEL/PTUL5...01D...
BTEL/PTUL5...02D...
all others
Pressure at any port3
BTEL/PTUL5...01D...
BTEL/PTUL5...02D...
all others
ELECTRICAL CONNECTION
12 to 32 V
20 mA
10 mA
30 mA
-40 to 100°C
-25 to 85°C
0 to 50°C
250 mbar / 100 "H
2O
250 mbar / 100 "H
2O
350 mbar / 150 "H
2O
500 mbar / 200 "H
2O
500 mbar / 200 "H
2O
750 mbar / 300 "H
2O
4...20 mA output version
1...6 V output version
2
4
3
Vout
sensor
case
-Vs
+Vs
1
GND
V
12 to 32 V
case
-Vs
sensor
+Vs
GND
3
4
RL
12 to 32 V
1
V
MEDIA COMPATIBILITY
Pressure inlet:
Non-corrosive, non-ionic working fluids such as air, dry
gases and the like
Housing:
Aluminium, protection class IP 67 (according to
DIN EN 60529) respectively NEMA 61


Similar Part No. - BTEL5002D4A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5000D1C SENSORTECHNICS-BTEL5000D1C Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5000D4A SENSORTECHNICS-BTEL5000D4A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5000D4C SENSORTECHNICS-BTEL5000D4C Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
More results

Similar Description - BTEL5002D4A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
logo
Sensortechnics GmbH
PLOH001D SENSORTECHNICS-PLOH001D Datasheet
73Kb / 4P
   Precision very low pressure sensors
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
logo
Sensortechnics GmbH
PLAM001DB SENSORTECHNICS-PLAM001DB Datasheet
119Kb / 4P
   Amplified precision very low pressure sensors
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com