Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDL03-24D12 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # PDL03-24D12
Description  3 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL03-24D12 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  PDL03-24D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL03-24D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL03-24D12 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3 Issued Date:2008/08/19
Recommended Filter for EN55022 Class B Compliance
The components used in the above figure, together with the
manufacturers’ part numbers for these components, are as
follows:
C1
L1
PDL03-05xxx
10μF/10V
1206 MLCC
3.3μH 0504 SMD Inductor
PMT-044
PDL03-12xxx
2.2μF/25V
1206 MLCC
18μH 0504 SMD Inductor
PMT-046
PDL03-24xxx
6.8μF/50V
1812 MLCC
18μH 0504 SMD Inductor
PMT-046
PDL03-48xxx
2.2μF/100V
1812 MLCC
56μH 0504 SMD Inductor
PMT-045
Recommended EN55022 Class B Filter Circuit Layout
0.08(2.0)
BOTTOM VIEW
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)
0.02(0.5)
1
2
3
5
6
7
8
0.100(2.54)
0.86(21.8)
FRONT VIEW
0.700(17.78)
PIN CONNECTION
PIN
SINGLE
1
- INPUT
2
+ INPUT
3
CTRL
5
NC*/No Pin*
6
+ OUTPUT
7
- OUTPUT
8
NC
DUAL
- INPUT
+ INPUT
CTRL
NC*/No Pin*
+ OUTPUT
COM
- OUTPUT
*No pin for 3KV isolation. (P/N suffix ”H”)
*NC pin for standard.


Similar Part No. - PDL03-24D12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PDL03-24D12 RSG-PDL03-24D12 Datasheet
179Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PDL03-24D12 P-DUKE-PDL03-24D12 Datasheet
335Kb / 4P
   DC-DC CONVERTER
PDL03-24D12 P-DUKE-PDL03-24D12 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL03-24D12W P-DUKE-PDL03-24D12W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
PDL03-24D12W RSG-PDL03-24D12W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PDL03-24D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TEM03-05S33 P-DUKE-TEM03-05S33 Datasheet
280Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
LANEUW3 WALL-LANEUW3 Datasheet
300Kb / 5P
   3 Watts Maximum Output Power
logo
Power Mate Technology C...
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com