Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDL03-48D05W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # PDL03-48D05W
Description  3 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL03-48D05W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  PDL03-48D05W Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL03-48D05W Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL03-48D05W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INPUT SPECIFICATIONS
Input voltage range
12V nominal input
24V nominal input
48V nominal input
4.5 – 18VDC
9 – 36VDC
18 – 75VDC
Input filter
Capacitor type
Input surge voltage
100mS max
12V input
24V input
48V input
36VDC
50VDC
100VDC
Input reflected ripple
current(Note 6)
12V input
24V input
48V input
25mAp-p, typ
10mAp-p, typ
8mAp-p, typ
Start up time
Nominal Vin and
constant resistive load
Power up
Remote ON/OFF
30mS, typ
30mS, typ
Remote ON/OFF
DC-DC ON
DC-DC OFF
Open or high impedance
Control pin applied current
2 ~ 4mA max(via 1KΩ)
Remote off state input current
Nominal Vin
2.5mA, max
Application circuit
+Input
-Input
3mA current
Source
Ctrl
1K
Ω
DC-DC ON
+Input
-Input
3mA current
Source
Ctrl
1K
Ω
DC-DC OFF
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-40ºC ~ +71ºC (without derating)
+71ºC ~ +100ºC (with derating)
Storage temperature range
-55ºC to +125ºC
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI(Note6)
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
±
8KV
±
6KV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient(Note 7) EN61000-4-4
±
2KV
Perf. Criteria A
Surge (Note 7)
EN61000-4-5
±
1KV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
OUTPUT SPECIFICATIONS
Output power
3 Watts, max
Voltage accuracy
Full load and nominal Vin
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
Single
Dual
No Load to Full load
5% load to 100% load
No Load to Full Load
± 1%
± 0.5%
± 1%
Cross regulation
(Dual)
Asymmetrical load 25%/100% FL
±5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±
0.02% / ºC, max
Transient response recovery time
25% load step change
250uS, typ
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
1600VDC, min
Isolation resistance
10
9
ohms, min
Isolation capacitance
200pF, max
Switching frequency
Full load to minimum load
100KHz, min
Design meets safety standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Non-conductive black plastic
Base material
None
Potting material
Silicon (UL94-V0)
Dimensions
0.86 X 0.36 X 0.44 Inch
(21.8 X 9.2 X 11.1 mm)
Weight
4.8g (0.17oz)
MTBF(Note 1)
Bellcore TR-NWT-000332
MIL-HDBK-217F
3.963 x 10
6 hrs
1.707 x 10
6 hrs
TECHNICAL SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment
FEATURES
3 WATTS MAXIMUM OUTPUT POWER
OUTPUT CURRENT UP TO 700mA
SIP PACKAGE, 0.86 x 0.36x 0.44 INCH
HIGH EFFICIENCY UP TO 82%
4:1 ULTRA WIDE INPUT VOLTAGE RANGE
SWITCHING FREQENCY (100KHz, min)
LOW RIPPLE & NOISE
UL94-V0 CASE POTTING MATERIALS
INPUT TO OUTPUT ISOLATION UP TO 1.6KVdc
CONTINUOUS SHORT CIRCUIT PROTECTION
EXTERNAL ON/OFF CONTROL
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
DESIGN MEETS UL60950-1, EN60950-1 AND IEC60950-1
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
DESCRIPTION
The PDL03W series offer 3 watts of output power from a 0.86 x 0.36 x 0.44 inch package
without derating to 71ºC. The PDL03W series have 4:1 ultra wide input voltage of 4.5-18
9-36 and 18-75VDC and features 1600VDC of isolation, short-circuit protection.


Similar Part No. - PDL03-48D05W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PDL03-48D05W RSG-PDL03-48D05W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PDL03-48D05W P-DUKE-PDL03-48D05W Datasheet
333Kb / 4P
   DC-DC CONVERTER
PDL03-48D05W P-DUKE-PDL03-48D05W Datasheet
446Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
More results

Similar Description - PDL03-48D05W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TEM03-05S33 P-DUKE-TEM03-05S33 Datasheet
280Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
LANEUW3 WALL-LANEUW3 Datasheet
300Kb / 5P
   3 Watts Maximum Output Power
logo
Power Mate Technology C...
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com