Electronic Components Datasheet Search |
|
SN65LVDM050D Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SN65LVDM050D Datasheet(HTML) 5 Page - Texas Instruments |
5 / 20 page SN65LVDM179, SN65LVDM180, SN65LVDM050, SN65LVDM051 HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS SLLS324B – DECEMBER 1998 – REVISED MARCH 2000 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 device electrical characteristics over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT SN65LVDM179 No receiver load, Driver RL = 50 Ω 10 15 mA Driver and receiver enabled, No receiver load, Driver RL = 50 Ω 10 15 SN65LVDM180 Driver enabled, Receiver disabled, RL = 50 Ω 9 13 mA SN65LVDM180 Driver disabled, Receiver enabled, No load 1.7 5 mA Disabled 0.5 2 ICC Supply current Drivers and receivers enabled, No receiver loads, Driver RL = 50 Ω 19 27 SN65LVDM050 Drivers enabled, Receivers disabled, RL = 50 Ω 16 24 mA SN65LVDM050 Drivers disabled, Receivers enabled, No loads 4 6 mA Disabled 0.5 1 SN65LVDM051 Drivers enabled, No receiver loads, Driver RL = 50 Ω 19 27 mA SN65LVDM051 Drivers disabled, No loads 4 6 mA † All typical values are at 25 °C and with a 3.3 V supply. driver electrical characteristics over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VOD Differential output voltage magnitude RL =50 Ω 247 340 454 ∆VOD Change in differential output voltage magnitude between logic states RL = 50 Ω, See Figure 1 and Figure 2 –50 50 mV VOC(SS) Steady-state common-mode output voltage 1.125 1.2 1.375 V ∆VOC(SS) Change in steady-state common-mode output voltage between logic states See Figure 3 –50 50 mV VOC(PP) Peak-to-peak common-mode output voltage 50 150 mV IIH High level input current DE VIH =5V – 0.5 –20 µA IIH High-level input current D VIH = 5 V 2 20 µA IIL Low level input current DE VIL =0 8V – 0.5 –10 µA IIL Low-level input current D VIL = 0.8 V 2 10 µA IOS Short circuit output current VOY or VOZ = 0 V 7 10 mA IOS Short-circuit output current VOD = 0 V 7 10 mA IOZ High impedance output current VOD = 600 mV ±1 µA IOZ High-impedance output current VO = 0 V or VCC ±1 µA IO(OFF) Power-off output current VCC = 0 V, VO = 3.6 V ±1 µA CIN Input capacitance 3 pF |
Similar Part No. - SN65LVDM050D |
|
Similar Description - SN65LVDM050D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |