Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP1815 Datasheet(PDF) 11 Page - A1 PROs co., Ltd.

Part # IMP1815
Description  Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1815 Datasheet(HTML) 11 Page - A1 PROs co., Ltd.

Back Button IMP1815 Datasheet HTML 7Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 8Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 9Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 10Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 11Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 12Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 13Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 14Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 15Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
1
Key Features
Applications
x
Set-top boxes
x
Cellular phones
x
PDAs
x
Energy management systems
x
Embedded control systems
x
Printers
x
Single board computers
x
Improved Dallas DS1812 replacement
— Over 50% lower maximum supply current
x
Low Supply Current
— 20µA maximum (5.5V)
x
Automatically restarts a microprocessor after
power failure
x
150ms reset delay after VCC returns to an
in-tolerance condition
x
Active HIGH power-up reset
x
Precision temperature-compensated voltage
reference and comparator
x
Eliminates external components
x
Low-cost TO-92 package
x
Compact surface mount SOT-23 package
x
Push-Pull output for minimum current drain
x
Operating temperature –40
°C to +85°C
Block Diagram
+
1812_01.eps
VCC
1
RESET
GND
3
2
Supply
Tolerance
Bias
IMP1812
Delay
150ms
Typical
Reference
IMP1
IMP1881122
POWER MANAGEMENT
Lo
Low P
w Po
ow
wer
er, 5V
, 5V µ
µP R
P Reset
eset
– A
– Activ
ctive HIGH, Push-Pull Output
e HIGH, Push-Pull Output
The IMP1812 supply voltage monitor is an improved, low-power
replacement for the Dallas Semiconductor DS1812. Maximum supply
current over temperature is a low 20
µA, representing over 50 percent
lower power as compared to the DS1812.
The IMP1812 issues an active HIGH reset signal whenever the moni-
tored supply is out-of-tolerance. A precision reference and comparator
circuit monitor power supply (VCC) level. Tolerance level options are 5-,
10- and 15-percent. When an out-of-tolerance condition is detected, an
internal power-fail signal is generated which forces an active HIGH reset
signal. After VCC returns to an in-tolerance condition, the reset signal
remains active for 150ms to allow the power supply and system micro-
processor to stabilize.
The IMP1812 is designed with a push-pull output stage and operates
over the extended industrial temperature range. Devices are available in
compact surface mount SOT-23 packages and 3-lead TO-92 packages.
Other low power products in this family include the IMP1810/11/15/16/17,
IMP1233D and IMP1233M.
Typical Application
IMP1812
Microprocessor
RESET
RESET
1812_02.eps
VCC
GND
t
r
a
P
e
g
a
t
l
o
V
T
E
S
E
R
)
V
(
e
m
i
T
T
E
S
E
R
)
s
m
(
t
u
p
t
u
O
e
g
a
t
S
T
E
S
E
R
y
t
i
r
a
l
o
P
0
1
8
1
P
M
I0
2
1
.
4
,
0
7
3
.
4
,
0
2
6
.
40
5
1ll
u
P
-
h
s
u
PW
O
L
1
1
8
1
P
M
I0
3
1
.
4
,
0
5
3
.
4
,
0
2
6
.
40
5
1n
i
a
r
D
-
n
e
p
OW
O
L
2
1
8
1
P
M
I0
3
1
.
4
,
0
5
3
.
4
,
0
2
6
.
40
5
1ll
u
P
-
h
s
u
PH
G
I
H
5
1
8
1
P
M
I0
5
5
.
2
,
0
8
8
.
2
,
0
6
0
.
30
5
1ll
u
P
-
h
s
u
PW
O
L
6
1
8
1
P
M
I0
5
5
.
2
,
0
8
8
.
2
,
0
6
0
.
30
5
1n
i
a
r
D
-
n
e
p
OW
O
L
7
1
8
1
P
M
I0
5
5
.
2
,
0
8
8
.
2
,
0
6
0
.
30
5
1ll
u
P
-
h
s
u
PH
G
I
H
D
3
3
2
1
P
M
I5
2
1
.
4
,
5
7
3
.
4
,
5
2
6
.
40
5
3n
i
a
r
D
-
n
e
p
OW
O
L
M
3
3
2
1
P
M
I0
2
7
.
2
,
5
7
3
.
4
,
5
2
6
.
40
5
3n
i
a
r
D
-
n
e
p
OW
O
L
Family Selection Guide


Similar Part No. - IMP1815

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP1815 IMP-IMP1815 Datasheet
110Kb / 6P
   Low Power 5V/3.0V P Reset
More results

Similar Description - IMP1815

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
   Low Power 5V uP Reset Active LOW, Open - Drain Output
logo
A1 PROs co., Ltd.
IMP1232LP A1PROS-IMP1232LP Datasheet
1Mb / 7P
   5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
logo
Alliance Semiconductor ...
ASM8500 ALSC-ASM8500 Datasheet
191Kb / 7P
   Low Power 5V / 3.3V uP Reset Active LOW, Open - Drain Output
ASM1233D ALSC-ASM1233D Datasheet
175Kb / 11P
   Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1233M ALSC-ASM1233M Datasheet
204Kb / 9P
   Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
logo
PulseCore Semiconductor
ASM1233D-L PULSECORE-ASM1233D-L Datasheet
258Kb / 11P
   Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
logo
A1 PROs co., Ltd.
IMP1834 A1PROS-IMP1834 Datasheet
247Kb / 8P
   Duall 5V and 3..3V mP Power Supplly Superviissorss w/Manuall Ressett
07/02/99
logo
List of Unclassifed Man...
SSI75T202 ETC1-SSI75T202 Datasheet
95Kb / 8P
   5V LOW POWER DTMF RECEIVER
logo
Linear Technology
LTC1383 LINER-LTC1383_1 Datasheet
114Kb / 8P
   5V Low Power RS232 Transceiver
logo
Intersil Corporation
CD22202 INTERSIL-CD22202 Datasheet
49Kb / 6P
   5V Low Power DTMF Receiver
January 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com