Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA680A Datasheet(PDF) 3 Page - Excelics Semiconductor, Inc.

Part # EPA680A
Description  High Efficiency Heterojunction Power FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA680A Datasheet(HTML) 3 Page - Excelics Semiconductor, Inc.

  EPA680A Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA680A Datasheet HTML 2Page - Excelics Semiconductor, Inc. EPA680A Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EPA680A/EPA680AV
UPDATED 05/02/2006
High Efficiency Heterojunction Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 3 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised May 2006
S-PARAMETERS
EPA680AV
8V, 1/2 Idss
Freq
S11
S21
S12
S22
(GHz)
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
1
0.962
-166.0
7.084
90.5
0.011
16.4
0.651
-175.5
2
0.965
-174.4
3.544
79.4
0.012
17.2
0.660
-175.8
3
0.968
-177.9
2.340
70.9
0.011
25.3
0.665
-175.1
4
0.971
180.0
1.727
62.9
0.013
32.7
0.683
-174.6
5
0.970
179.9
1.334
56.3
0.012
38.2
0.712
-176.1
6
0.974
178.3
1.089
49.5
0.013
43.4
0.733
-176.6
7
0.974
177.2
0.918
43.0
0.013
53.8
0.748
-177.4
8
0.976
175.6
0.785
37.5
0.015
55.3
0.768
-177.2
9
0.981
174.6
0.684
31.2
0.014
55.3
0.784
-178.6
10
0.978
173.2
0.598
25.1
0.013
58.5
0.808
178.6
11
0.975
171.9
0.523
20.9
0.018
62.1
0.835
178.2
12
0.984
170.5
0.463
15.4
0.016
62.8
0.853
176.4
13
0.984
170.9
0.407
10.7
0.017
59.7
0.848
174.3
14
0.980
169.1
0.349
6.4
0.019
62.2
0.860
173.8
15
0.991
169.7
0.320
3.4
0.017
58.8
0.869
172.0
16
0.973
168.6
0.281
-1.3
0.017
53.4
0.884
170.0
17
0.993
168.0
0.256
-5.1
0.017
59.0
0.888
168.5
18
0.981
167.8
0.226
-8.3
0.017
50.7
0.906
167.7
19
0.986
166.4
0.210
-11.8
0.018
51.7
0.911
166.2
20
0.989
165.4
0.196
-14.6
0.020
45.1
0.910
165.5
21
0.981
159.4
0.192
-18.9
0.022
42.2
0.920
165.7
22
0.986
159.1
0.172
-22.8
0.021
45.3
0.931
164.4
23
0.987
158.3
0.160
-25.4
0.022
50.5
0.932
162.3
24
0.988
158.7
0.142
-28.2
0.024
51.6
0.936
159.1
25
0.980
158.9
0.126
-28.7
0.022
50.1
0.911
158.1
26
0.961
159.2
0.114
-30.3
0.027
50.9
0.933
157.5
Note: The data included 0.7 mils diameter Au bonding wires: 4 gate wires, 15 mils each; 4 drain wires, 15 mils each;


Similar Part No. - EPA680A

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EPA680A-180F EXCELICS-EPA680A-180F Datasheet
87Kb / 1P
   High Efficiency Heterojunction Power FET
EPA680AV-180F EXCELICS-EPA680AV-180F Datasheet
87Kb / 1P
   High Efficiency Heterojunction Power FET
More results

Similar Description - EPA680A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
   High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
   High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
   High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
   High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
   High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
   High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
   High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
   High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
   High Efficiency Heterojunction Power FET
logo
List of Unclassifed Man...
EPA018BV ETC-EPA018BV Datasheet
47Kb / 2P
   High Efficiency Heterojunction Power FET
EPA018A-70 ETC-EPA018A-70 Datasheet
24Kb / 2P
   High Efficiency Heterojunction Power FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com