Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AI329 Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # AI329
Description  1/3 inch CCD Image Sensor for CCIR B/W Camera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI329 Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  AI329 Datasheet HTML 1Page - A1 PROs co., Ltd. AI329 Datasheet HTML 2Page - A1 PROs co., Ltd. AI329 Datasheet HTML 3Page - A1 PROs co., Ltd. AI329 Datasheet HTML 4Page - A1 PROs co., Ltd. AI329 Datasheet HTML 5Page - A1 PROs co., Ltd. AI329 Datasheet HTML 6Page - A1 PROs co., Ltd. AI329 Datasheet HTML 7Page - A1 PROs co., Ltd. AI329 Datasheet HTML 8Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Ai329
Bias Condition
DC Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Output amplifier drain current
IDD
-
3
-
Driving Condition
Parameter
Symbol
Min.
Typ.
Max.
Unit
Vertical clock high voltage
Φ
VH1, VH3
14.5
15.0
15.5
V
Vertical clock middle voltage
Φ
VM1, 2, 3, 4
-0.2
0.0
0.2
Vertical clock low voltage
-9.0
-8.5
-8.0
Horizontal clock high voltage
4.5
5.0
5.5
Horizontal clock low voltage
-0.5
0.0
0.5
RG clock voltage difference
4.7
5.0
5.3
Substrate clock voltage
23
24
25
Φ
VL1, 2, 3, 4
Φ
HH1, 2
Φ
HL1, 2
Φ
RGHL
Φ
VSUB
V
V
V
V
V
V
Parameter
Symbol Min.
Typ.
Max.
Unit
Output amplifier drain voltage
Vdd
14.5
15.0
15.5
V
Output amplifier gate voltage
Vgg
1.5
2.0
2.5
V
Output amplifier source voltage
Vss
Ground through
680Ω Resistor, ±5%
Substrate voltage adjustment range
Vsub
15
V
Fluctuation range after substrate voltage adjustment
△Vsub
V
Protection bias
Vp
Set to low level
of vertical transfer clock
Remark
Reset gate clock voltage adjustment range
Vrgl
V
Fluctuation range after reset gate voltage adjustment △Vrgl
%
5
1
-1
3
-3
4
0


Similar Part No. - AI329

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
More results

Similar Description - AI329

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX055AL SONY-ICX055AL Datasheet
350Kb / 17P
   1/3-inch CCD Image Sensor for CCIR B/W Camera
ICX027BLA SONY-ICX027BLA Datasheet
268Kb / 13P
   1/2 INCH CCD IMAGE SENSOR FOR CCIR B/W CAMERA
logo
Samsung semiconductor
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC73129MP SAMSUNG-KC73129MP Datasheet
209Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC73129UBA SAMSUNG-KC73129UBA Datasheet
227Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F429PX02 SAMSUNG-S5F429PX02 Datasheet
234Kb / 18P
   1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
logo
A1 PROs co., Ltd.
AI325 A1PROS-AI325 Datasheet
87Kb / 8P
   1/3 inch CCD Image Sensor for EIA B/W Camera
logo
Sony Corporation
ICX054AL SONY-ICX054AL Datasheet
341Kb / 17P
   1/3-inch CCD Image Sensor for EIA B/W Camera
logo
Samsung semiconductor
KC74129B SAMSUNG-KC74129B Datasheet
234Kb / 18P
   1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
logo
Sony Corporation
ICX038BLA SONY-ICX038BLA Datasheet
374Kb / 17P
   1/2 inch CCD Image Sensor for EIA B/W Camera
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com